Electronic Components Datasheet Search
  English  ▼

X  

EPC110 Datasheet(PDF) 5 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 5 Page - Espros Photonics corp

  EPC110 Datasheet HTML 1Page - Espros Photonics corp EPC110 Datasheet HTML 2Page - Espros Photonics corp EPC110 Datasheet HTML 3Page - Espros Photonics corp EPC110 Datasheet HTML 4Page - Espros Photonics corp EPC110 Datasheet HTML 5Page - Espros Photonics corp EPC110 Datasheet HTML 6Page - Espros Photonics corp EPC110 Datasheet HTML 7Page - Espros Photonics corp EPC110 Datasheet HTML 8Page - Espros Photonics corp EPC110 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
epc110
Connection Diagrams
Top View
CS
OUTN
SO
PD
GND
VDD
EN
SI
LED
SCK
VDD33
OUTH
VDD18
3
2
1
10
5
4
7
6
8
9
PIN Connections QFN16-VEED-
1VN4
LST
20.05.2011
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
PIN Connections QFN16-VEED-
1VN4
LST
Top View
1
2
3
4
PD
GND
LED/SCK
EN/SI
NC_GND
NC_GND
NC_GND
NC_GND
10-Pin Chip Scale Package (CSP)
16-Pin QFN Package
10-Pin
CSP
16-Pin
QFN
Pin Name Type
Description
1
9
VDD
Power Supply
Positive power supply.
Operation mode: to be connect to VDD33.
During command PROG: to be connected to programming voltage.
2
7
GND
Power Supply
Negative power supply pin.
3
6
PD
Analog Input
Photo diode input.
4
4
CS
Digital Input
Terminated with internal pull up resistor
Light barrier:
Mode selection:
CS = 1: Operation Mode (LED, EN, OUTN active)
SPI interface:
Chip select,
CS = 0: Command/Program Mode (SCK, SI, SO active)
5
2
OUTH
Digital Output
Load depending
Light reserve detected - see Figure 8.
Refer to section Light Reserve Output OUTH
Open drain output
6
1
OUTN
SO
Digital Output
Open drain output
Light barrier:
Light pulses detected, amplified and filtered signal
see Functional Description
SPI interface:
Serial data output
7
15
EN
SI
Digital Input
Terminated with internal pull up resistor
Light barrier:
Fork light barrier controlled mode:
LED pulse stimulation
Fork light barrier standalone mode:
No function.
SPI interface:
Serial data input
8
14
LED
SCK
Digital Output
Digital Input
Light barrier:
Output to LED driver
SPI interface:
Serial input/output clock.
For start/stop condition of SPI communication (while CS = 1):
Set SCK =1 and SCK line in tristate mode (high ohmic)
12
VDD33
Power Supply
Positive power supply.
10
10
VDD18
Decoupling
Pin for external filter/decoupling of the internal 1.8V supply: 4.7nF ceramic type
Not for supply of external circuits
n/a
3, 5, 8,
11, 13,
16
NC_GND
Not connected. Connect this pins to GND (Guarding).
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
5
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com