Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 4 Page - Texas Instruments

  AM3359 Datasheet HTML 1Page - Texas Instruments AM3359 Datasheet HTML 2Page - Texas Instruments AM3359 Datasheet HTML 3Page - Texas Instruments AM3359 Datasheet HTML 4Page - Texas Instruments AM3359 Datasheet HTML 5Page - Texas Instruments AM3359 Datasheet HTML 6Page - Texas Instruments AM3359 Datasheet HTML 7Page - Texas Instruments AM3359 Datasheet HTML 8Page - Texas Instruments AM3359 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
www.ti.com
• Device Identification
• Inter-Processor Communication (IPC)
– Contains Electrical fuse Farm (FuseFarm) of
– Integrates Hardware-Based Mailbox for IPC
Which Some Bits are Factory Programmable
and Spinlock for Process Synchronization
Between the Cortex-A8, PRCM, and Each
•
Production ID
PRU
•
Device Part Number (Unique JTAG ID)
•
Mailbox Registers that Generate
•
Device Revision (readable by Host ARM)
Interrupts
• Debug Interface Support
– Four Initiators (Cortex-A8, PRCM,
– JTAG/cJTAG for ARM (Cortex-A8 and
PRU0, PRU1)
PRCM), PRU Debug
•
Spinlock has 128 Software-Assigned
– Embedded Trace Buffer (ETB)
Lock Registers
– Supports Device Boundary Scan
• Security
– Supports IEEE1500
– Crypto Hardware accelerators (AES, SHA,
• DMA
PKA, RNG)
– On-Chip Enhanced DMA Controller (EDMA)
• Boot Modes
has Three Third-Party Transfer Controllers
– Boot Mode is Selected via Boot
(TPTC) and One Third-Party Channel
Configuration Pins Latched on the Rising
Controller (TPCC), Which Supports Up to 64
Edge of the PWRONRSTn Reset Input Pin
Programmable Logical Channels and Eight
• Packages:
QDMA Channels. EDMA is Used for:
– 298-Pin S-PBGA-N298 package
•
Transfers to/from On-Chip Memories
(ZCE Suffix), 0.65-mm Ball Pitch
•
Transfers to/from External Storage (EMIF,
– 324-Pin S-PBGA-N324 package
General-Purpose Memory Controller,
(ZCZ Suffix), 0.80-mm Ball Pitch
Slave Peripherals)
1.2
Applications
•
Gaming Peripherals
•
Connected Vending Machines
•
Home and Industrial Automation
•
Weighing Scales
•
Consumer Medical Appliances
•
Educational Consoles
•
Printers
•
Advanced Toys
•
Smart Toll Systems
1.3
Description
The AM335x microprocessors, based on the ARM Cortex-A8, are enhanced with image, graphics
processing, peripherals and industrial interface options such as EtherCAT and PROFIBUS. The device
supports the following high-level operating systems (HLOSs) that are available free of charge from TI:
•
Linux®
•
Windows® CE
•
Android
™
The AM335x microrocessor contains these subsystems:
•
Microprocessor unit (MPU) subsystem based on the ARM Cortex-A8 microprocessor.
•
POWERVR SGX
™ Graphics Accelerator subsystem for 3D graphics acceleration to support display
and gaming effects.
•
Programmable Real-Time Unit Subsystem (PRUSS) enables the user to create a variety of digital
resources beyond native peripherals of the device. In addition, the PRUSS is separate from the ARM
core. This allows independent operation and clocking to give the device greater flexibility in complex
system solutions.
Note: The subsystem available on this device is the next-generation PRUSS (PRUSSv2).
4
Device Summary
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com