Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 77 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 73Page - Texas Instruments AM3359 Datasheet HTML 74Page - Texas Instruments AM3359 Datasheet HTML 75Page - Texas Instruments AM3359 Datasheet HTML 76Page - Texas Instruments AM3359 Datasheet HTML 77Page - Texas Instruments AM3359 Datasheet HTML 78Page - Texas Instruments AM3359 Datasheet HTML 79Page - Texas Instruments AM3359 Datasheet HTML 80Page - Texas Instruments AM3359 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
3
Device Operating Conditions
3.1
Absolute Maximum Ratings
Table 3-1. Absolute Maximum Ratings Over Junction Temperature Range (Unless Otherwise Noted)(1)(2)
PARAMETER
MIN
MAX
UNIT
VDD_MPU(3)
Supply voltage for the MPU core domain
-0.5
1.5
V
VDD_CORE
Supply voltage range for the core domain
-0.5
1.5
V
CAP_VDD_RTC(4)
Supply voltage range for the RTC core domain
-0.5
1.5
V
VPP(5)
Supply voltage range for the FUSE ROM domain
-0.5
2.2
V
VDDS_RTC
Supply voltage range for the RTC domain
-0.5
2.1
V
VDDS_OSC
Supply voltage range for the System oscillator
-0.5
2.1
V
VDDS_SRAM_CORE_BG
Supply voltage range for the Core SRAM LDOs
-0.5
2.1
V
VDDS_SRAM_MPU_BB
Supply voltage range for the MPU SRAM LDOs
-0.5
2.1
V
VDDS_PLL_DDR
Supply voltage range for the DPLL DDR
-0.5
2.1
V
VDDS_PLL_CORE_LCD
Supply voltage range for the DPLL Core and LCD
-0.5
2.1
V
VDDS_PLL_MPU
Supply voltage range for the DPLL MPU
-0.5
2.1
V
VDDS_DDR
Supply voltage range for the DDR IO domain
-0.5
2.1
V
VDDS
Supply voltage range for all dual-voltage IO domains
-0.5
2.1
V
VDDA1P8V_USB0
Supply voltage range for USBPHY
-0.5
2.1
V
VDDA1P8V_USB1(6)
Supply voltage range for USBPHY
-0.5
2.1
V
VDDA_ADC
Supply voltage range for ADC
-0.5
2.1
V
VDDSHV1
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDSHV2(6)
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDSHV3(6)
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDSHV4
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDSHV5
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDSHV6
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDA3P3V_USB0
Supply voltage range for USBPHY
-0.5
4
V
VDDA3P3V_USB1(6)
Supply voltage range for USBPHY
-0.5
4
V
USB0_VBUS
Supply voltage range for USB VBUS comparator input
-0.5
5.25
V
USB1_VBUS(6)
Supply voltage range for USB VBUS comparator input
-0.5
5.25
V
DDR_VREF
Supply voltage range for the DDR SSTL/HSTL reference
-0.3
1.1
V
voltage
Steady State Max. Voltage
-0.5V to NOM IO supply + 0.3 V
at all IO pins
USB0_ID
Steady state maximum voltage range for the USB ID input
-0.5
2.1
V
USB1_ID(6)
Steady state maximum voltage range for the USB ID input
-0.5
2.1
V
Transient Overshoot /
30% of supply for up to 30% of signal
Undershoot specification at
period
IO PAD
Storage temperature range,
-55
155
°C
Tstg
(7)
ESD-HBM (Human Body Model)(8)
±2000
Electrostatic Discharge
ESD-CDM (Charged-Device Model)(9)
±500
V
(ESD) Performance
ESD-CDM (Charged-Device Model) Corner Terminals
±750
(1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to their associated VSS or VSSA_x.
(3) Not available on the ZCE package. VDD_MPU is merged with VDD_CORE on the ZCE package.
(4) This supply is sourced from an internal LDO when RTC_KALDO_ENn is low. If RTC_KALDO_ENn is high, this supply must be sourced
Copyright
© 2011–2012, Texas Instruments Incorporated
Device Operating Conditions
77
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com