Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 45Page - Texas Instruments AM3359 Datasheet HTML 46Page - Texas Instruments AM3359 Datasheet HTML 47Page - Texas Instruments AM3359 Datasheet HTML 48Page - Texas Instruments AM3359 Datasheet HTML 49Page - Texas Instruments AM3359 Datasheet HTML 50Page - Texas Instruments AM3359 Datasheet HTML 51Page - Texas Instruments AM3359 Datasheet HTML 52Page - Texas Instruments AM3359 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
2.3
Signal Description
The AM335x device contains many peripheral interfaces. In order to reduce package size and cost while
maintaining maximum functionality, many of the AM335x terminals can multiplex up to eight signal
functions. Although there are many combinations of pin multiplexing that are possible, only a certain
number of sets, called IO sets, are valid due to timing limitations. These valid IO sets were carefully
chosen to provide many possible application scenarios for the user.
Texas Instruments has developed a Windows application called Pin Mux Utility that helps a system
designer select the appropriate pin-multiplexing configuration for their AM335x-based product design. This
tool provides a way to select valid IO sets of specific peripheral interfaces to ensure that the
pin-multiplexing configuration selected for a design only uses valid IO sets supported by the AM335x
device.
Copyright
© 2011–2012, Texas Instruments Incorporated
Terminal Description
49
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com