Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 65Page - Texas Instruments AM3359 Datasheet HTML 66Page - Texas Instruments AM3359 Datasheet HTML 67Page - Texas Instruments AM3359 Datasheet HTML 68Page - Texas Instruments AM3359 Datasheet HTML 69Page - Texas Instruments AM3359 Datasheet HTML 70Page - Texas Instruments AM3359 Datasheet HTML 71Page - Texas Instruments AM3359 Datasheet HTML 72Page - Texas Instruments AM3359 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
Table 2-47. GEMAC_CPSW/RGMII1 Signals Description (continued)
TYPE
SIGNAL NAME [1]
DESCRIPTION [2]
ZCE BALL [4]
ZCZ BALL [4]
[3]
rgmii1_rctl
RGMII Receive Control
I
L19
J17
rgmii1_rd0
RGMII Receive Data bit 0
I
P18
M16
rgmii1_rd1
RGMII Receive Data bit 1
I
P19
L15
rgmii1_rd2
RGMII Receive Data bit 2
I
N16
L16
rgmii1_rd3
RGMII Receive Data bit 3
I
N17
L17
rgmii1_tclk
RGMII Transmit Clock
O
N19
K18
rgmii1_tctl
RGMII Transmit Control
O
K17
J16
rgmii1_td0
RGMII Transmit Data bit 0
O
L18
K17
rgmii1_td1
RGMII Transmit Data bit 1
O
M18
K16
rgmii1_td2
RGMII Transmit Data bit 2
O
N18
K15
rgmii1_td3
RGMII Transmit Data bit 3
O
M17
J18
Table 2-48. GEMAC_CPSW/RGMII2 Signals Description
TYPE
SIGNAL NAME [1]
DESCRIPTION [2]
ZCE BALL [4]
ZCZ BALL [4]
[3]
rgmii2_rclk
RGMII Receive Clock
I
NA
T15
rgmii2_rctl
RGMII Receive Control
I
NA
V14
rgmii2_rd0
RGMII Receive Data bit 0
I
NA
V17
rgmii2_rd1
RGMII Receive Data bit 1
I
NA
T16
rgmii2_rd2
RGMII Receive Data bit 2
I
NA
U16
rgmii2_rd3
RGMII Receive Data bit 3
I
NA
V16
rgmii2_tclk
RGMII Transmit Clock
O
NA
U15
rgmii2_tctl
RGMII Transmit Control
O
NA
R13
rgmii2_td0
RGMII Transmit Data bit 0
O
NA
V15
rgmii2_td1
RGMII Transmit Data bit 1
O
NA
R14
rgmii2_td2
RGMII Transmit Data bit 2
O
NA
T14
rgmii2_td3
RGMII Transmit Data bit 3
O
NA
U14
Table 2-49. GEMAC_CPSW/RMII1 Signals Description
TYPE
SIGNAL NAME [1]
DESCRIPTION [2]
ZCE BALL [4]
ZCZ BALL [4]
[3]
rmii1_crs_dv
RMII Carrier Sense / Data Valid
I
J18
H17
rmii1_refclk
RMII Reference Clock
I/O
K18
H18
rmii1_rxd0
RMII Receive Data bit 0
I
P18
M16
rmii1_rxd1
RMII Receive Data bit 1
I
P19
L15
rmii1_rxer
RMII Receive Data Error
I
K19
J15
rmii1_txd0
RMII Transmit Data bit 0
O
L18
K17
rmii1_txd1
RMII Transmit Data bit 1
O
M18
K16
rmii1_txen
RMII Transmit Enable
O
K17
J16
Table 2-50. GEMAC_CPSW/RMII2 Signals Description
TYPE
SIGNAL NAME [1]
DESCRIPTION [2]
ZCE BALL [4]
ZCZ BALL [4]
[3]
rmii2_crs_dv
RMII Carrier Sense / Data Valid
I
R15
T17
rmii2_refclk
RMII Reference Clock
I/O
J19
H16
rmii2_rxd0
RMII Receive Data bit 0
I
NA
V17
rmii2_rxd1
RMII Receive Data bit 1
I
NA
T16
Copyright
© 2011–2012, Texas Instruments Incorporated
Terminal Description
69
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com