Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 97 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 93Page - Texas Instruments AM3359 Datasheet HTML 94Page - Texas Instruments AM3359 Datasheet HTML 95Page - Texas Instruments AM3359 Datasheet HTML 96Page - Texas Instruments AM3359 Datasheet HTML 97Page - Texas Instruments AM3359 Datasheet HTML 98Page - Texas Instruments AM3359 Datasheet HTML 99Page - Texas Instruments AM3359 Datasheet HTML 100Page - Texas Instruments AM3359 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 195 page
background image
AM335x
XTALIN
VSS_OSC
XTALOUT
C
1
C
2
Optional R
bias
Optional R
d
Crystal
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
A.
Oscillator components (Crystal, C1, C2, optional Rbias and Rd) must be located close to the AM335x package.
Parasitic capacitance to the printed circuit board (PCB) ground and other signals should be minimized to reduce noise
coupled into the oscillator. The VSS_OSC terminal provides a Kelvin ground reference for the external crystal
components. External crystal component grounds should only be connected to the VSS_OSC terminal and should not
be connected to the PCB ground plane.
B.
C1 and C2 represent the total capacitance of the respective PCB trace, load capacitor, and other components
(excluding the crystal) connected to each crystal terminal. The value of capacitors C1 and C2 should be selected to
provide the total load capacitance, CL, specified by the crystal manufacturer. The total load capacitance is CL =
[(C1*C2)/(C1+C2)] + Cshunt, where Cshunt is the crystal shunt capacitance (C0) specified by the crystal manufacturer
plus any mutual capacitance (Cpkg + CPCB) seen across the AM335x XTALIN and XTALOUT signals. For
recommended values of crystal circuit components, see Table 4-1.
Figure 4-6. OSC0 Crystal Circuit Schematic
Table 4-1. OSC0 Crystal Circuit Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fxtal
Crystal parallel resonance
Fundamental mode oscillation only
19.2, 24.0,
MHz
frequency
25.0, or
26.0
Crystal frequency
-50.0
50.0
ppm
stability/tolerance
CC1
C1 capacitance
12.0
24.0
pF
CC2
C2 capacitance
12.0
24.0
pF
Cshunt
Shunt capacitance
5.0
pF
ESR
Crystal effective series
fxtal = 19.2 MHz, oscillator has nominal
54.4
Ω
resistance
negative resistance of 272
Ω and
worst-case negative resistance of 163
Ω
fxtal = 24.0 MHz, oscillator has nominal
48.0
Ω
negative resistance of 240
Ω and
worst-case negative resistance of 144
Ω
fxtal = 25.0 MHz, oscillator has nominal
46.6
Ω
negative resistance of 233
Ω and
worst-case negative resistance of 140
Ω
fxtal = 26.0 MHz, oscillator has nominal
45.3
Ω
negative resistance of 227
Ω and
worst-case negative resistance of 137
Ω
Copyright
© 2011–2012, Texas Instruments Incorporated
Power and Clocking
97
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com