Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 85 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 81Page - Texas Instruments AM3359 Datasheet HTML 82Page - Texas Instruments AM3359 Datasheet HTML 83Page - Texas Instruments AM3359 Datasheet HTML 84Page - Texas Instruments AM3359 Datasheet HTML 85Page - Texas Instruments AM3359 Datasheet HTML 86Page - Texas Instruments AM3359 Datasheet HTML 87Page - Texas Instruments AM3359 Datasheet HTML 88Page - Texas Instruments AM3359 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
Table 3-7. DC Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
Temperature (Unless Otherwise Noted) (continued)
PARAMETER
MIN
NOM
MAX
UNIT
ECAP0_IN_PWM0_OUT,UART0_CTSn,UART0_RTSn,UART0_RXD,UART0_TXD,UART1_CTSn,UART1_RTSn,UART1_RXD,UART1_T
XD,I2C0_SDA,I2C0_SCL,XDMA_EVENT_INTR0,XDMA_EVENT_INTR1,WARMRSTn,PWRONRSTn,NMIn,TMS,TDO,USB0_DRVVBUS,U
SB1_DRVVBUS (VDDSHV6 = 3.3 V)
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VHYS
Hysteresis voltage at an input
0.265
0.44
V
VOH
High-level output voltage, driver enabled, pullup
IOH = 4 mA
VDDSHV6 -
V
or pulldown disbaled
0.2
VOL
Low-level output voltage, driver enabled, pullup
IOL = 4 mA
0.2
V
or pulldown disbaled
Input leakage current, Receiver disabled, pullup or pulldown
18
inhibited
II
µA
Input leakage current, Receiver disabled, pullup enabled
-243
-100
-19
Input leakage current, Receiver disabled, pulldown enabled
51
110
210
IOZ
Total leakage current through the PAD connection of a
18
µA
driver/receiver combination that may include a pullup or pulldown.
The driver output is disabled and the pullup or pulldown is
inhibited.
TCK (VDDSHV6 = 1.8 V)
VIH
High-level input voltage
1.45
V
VIL
Low-level input voltage
0.46
V
VHYS
Hysteresis voltage at an input
0.4
V
II
Input leakage current, Receiver disabled, pullup or pulldown
5
µA
inhibited
Input leakage current, Receiver disabled, pullup enabled
-161
-100
-52
Input leakage current, Receiver disabled, pulldown enabled
52
100
170
TCK (VDDSHV6 = 3.3 V)
VIH
High-level input voltage
2.15
V
VIL
Low-level input voltage
0.46
V
VHYS
Hysteresis voltage at an input
0.4
V
Input leakage current, Receiver disabled, pullup or pulldown
18
inhibited
II
µA
Input leakage current, Receiver disabled, pullup enabled
-243
-100
-19
Input leakage current, Receiver disabled, pulldown enabled
51
110
210
Copyright
© 2011–2012, Texas Instruments Incorporated
Device Operating Conditions
85
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com