Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 76Page - Texas Instruments AM3359 Datasheet HTML 77Page - Texas Instruments AM3359 Datasheet HTML 78Page - Texas Instruments AM3359 Datasheet HTML 79Page - Texas Instruments AM3359 Datasheet HTML 80Page - Texas Instruments AM3359 Datasheet HTML 81Page - Texas Instruments AM3359 Datasheet HTML 82Page - Texas Instruments AM3359 Datasheet HTML 83Page - Texas Instruments AM3359 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
www.ti.com
3.2
Recommended Operating Conditions
The device is used under the recommended operating conditions described in Table 3-4.
Table 3-3. Reliability Data
Commercial
Industrial
Extended
Operating
VDD_MPU(1)(2)
VDD_CORE(2)
Junction
Life Time
Junction
Life Time
Junction
Life Time
Condition
Temp (Tj)
(POH)(3)
Temp (Tj)
(POH)(3)
Temp (Tj)
(POH)(3)
Turbo
1.26 V
±4%
1.1 V
±4%
0
°C to 90°C
TBD
-40
°C to 90°C
TBD
-40
°C to 105°C
TBD
OPP120
1.2 V
±4%
1.1 V
±4%
0
°C to 90°C
100K
-40
°C to 90°C
100K
-40
°C to 105°C
100K
OPP100
1.1 V
±4%
1.1 V
±4%
0
°C to 90°C
100K
-40
°C to 90°C
100K
-40
°C to 105°C
100K
OPP50
0.95 V
±4%
0.95 V
±4%
0
°C to 90°C
100K
-40
°C to 90°C
100K
-40
°C to 105°C
100K
(1) Not available on the ZCE package. VDD_MPU is merged with VDD_CORE on the ZCE package.
(2) Voltage specification at the device package pin.
(3) POH = Power-on hours when the device is fully functional.
NOTE
Logic functions and parameter values are not assured out of the range specified in the
recommended operating conditions.
Table 3-4. Recommended Operating Conditions
PARAMETER
MIN
NOM
MAX
UNIT
SUPPLY NAME
DESCRIPTION
Supply voltage range for core
1.06
1.1
1.15
V
domain; OPP100
VDD_CORE
Supply voltage range for core
0.91
0.95
0.99
V
domain; OPP50
Supply voltage range for MPU
1.21
1.26
1.31
domain; Turbo
Supply voltage range for MPU
1.15
1.2
1.25
domain; OPP120
VDD_MPU(1)
V
Supply voltage range for MPU
1.06
1.1
1.15
domain; OPP100
Supply voltage range for MPU
0.91
0.95
0.99
domain; OPP50
Supply voltage range for RTC
CAP_VDD_RTC(2)
1.06
1.1
1.15
V
domain input/LDO output
Supply voltage range for RTC
VDDS_RTC
1.71
1.8
1.89
V
domain
Supply voltage range for DDR
1.71
1.8
1.89
IO domain (DDR2)
VDDS_DDR
V
Supply voltage range for DDR
1.43
1.5
1.58
IO domain (DDR3)
Supply voltage range for all
VDDS(3)
1.71
1.8
1.89
V
dual-voltage IO domains
Supply voltage range for Core
VDDS_SRAM_CORE_BG
1.71
1.8
1.89
V
SRAM LDOs, Analog
Supply voltage range for MPU
VDDS_SRAM_MPU_BB
1.71
1.8
1.89
V
SRAM LDOs, Analog
Supply voltage range for DPLL
VDDS_PLL_DDR
1.71
1.8
1.89
V
DDR, Analog
Supply voltage range for DPLL
VDDS_PLL_CORE_LCD
1.71
1.8
1.89
V
CORE and LCD, Analog
Supply voltage range for DPLL
VDDS_PLL_MPU
1.71
1.8
1.89
V
MPU, Analog
80
Device Operating Conditions
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com