Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 120 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 116Page - Texas Instruments AM3359 Datasheet HTML 117Page - Texas Instruments AM3359 Datasheet HTML 118Page - Texas Instruments AM3359 Datasheet HTML 119Page - Texas Instruments AM3359 Datasheet HTML 120Page - Texas Instruments AM3359 Datasheet HTML 121Page - Texas Instruments AM3359 Datasheet HTML 122Page - Texas Instruments AM3359 Datasheet HTML 123Page - Texas Instruments AM3359 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
www.ti.com
Table 5-18. GPMC/NOR Flash Timing Requirements
—Asynchronous Mode
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
FA5(1)
tacc(d)
Data access time
H(5)
H(5)
ns
FA20(2)
tacc1-pgmode(d)
Page mode successive data access time
P(4)
P(4)
ns
FA21(3)
tacc2-pgmode(d)
Page mode first data access time
H(5)
H(5)
ns
(1) The FA5 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC functional
clock cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active functional clock
edge. FA5 value must be stored inside the AccessTime register bit field.
(2) The FA20 parameter illustrates amount of time required to internally sample successive input page data. It is expressed in number of
GPMC functional clock cycles. After each access to input page data, next input page data is internally sampled by active functional clock
edge after FA20 functional clock cycles. The FA20 value must be stored in the PageBurstAccessTime register bit field.
(3) The FA21 parameter illustrates amount of time required to internally sample first input page data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA21 functional clock cycles, first input page data is internally sampled by
active functional clock edge. FA21 value must be stored inside the AccessTime register bit field.
(4) P = PageBurstAccessTime * (TimeParaGranularity + 1) * GPMC_FCLK(6)
(5) H = AccessTime * (TimeParaGranularity + 1) * GPMC_FCLK(6)
(6) GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
Table 5-19. GPMC/NOR Flash Switching Characteristics
—Asynchronous Mode
OPP100
OPP50
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
tR(d)
Rise time, output data gpmc_ad[15:0]
2
2
ns
tF(d)
Fall time, output data gpmc_ad[15:0]
2
2
ns
FA0
tw(be[x]nV)
Pulse duration, output lower-byte
Read
N(12)
N(12)
ns
enable/command latch enable
Write
N(12)
N(12)
gpmc_be0n_cle, output upper-byte
enable gpmc_be1n valid time
FA1
tw(csnV)
Pulse duration, output chip select
Read
A(1)
A(1)
ns
gpmc_csn[x](13) low
Write
A(1)
A(1)
FA3
td(csnV-advnIV)
Delay time, output chip select
Read
B(2)
– 0.2
B(2) + 2.0
B(2)
– 0.2
B(2) + 2.0
ns
gpmc_csn[x](13) valid to output
Write
B(2)
– 0.2
B(2) + 2.0
B(2)
– 0.2
B(2) + 2.0
address valid/address latch enable
gpmc_advn_ale invalid
FA4
td(csnV-oenIV)
Delay time, output chip select gpmc_csn[x](13)
C(3)
– 0.2
C(3) + 2.0
C(3)
– 0.2
C(3) + 2.0
ns
valid to output enable gpmc_oen invalid (Single
read)
FA9
td(aV-csnV)
Delay time, output address gpmc_a[27:1] valid
J(9)
– 0.2
J(9) + 2.0
J(9)
– 0.2
J(9) + 2.0
ns
to output chip select gpmc_csn[x](13) valid
FA10
td(be[x]nV-csnV)
Delay time, output lower-byte enable/command
J(9)
– 0.2
J(9) + 2.0
J(9)
– 0.2
J(9) + 2.0
ns
latch enable gpmc_be0n_cle, output upper-byte
enable gpmc_be1n valid to output chip select
gpmc_csn[x](13) valid
FA12
td(csnV-advnV)
Delay time, output chip select gpmc_csn[x](13)
K(10)
– 0.2
K(10) + 2.0
K(10)
– 0.2
K(10) + 2.0
ns
valid to output address valid/address latch
enable gpmc_advn_ale valid
FA13
td(csnV-oenV)
Delay time, output chip select gpmc_csn[x](13)
L(11)
– 0.2
L(11) + 2.0
L (11)
– 0.2
L(11) + 2.0
ns
valid to output enable gpmc_oen valid
FA16
tw(aIV)
Pulse durationm output address gpmc_a[26:1]
G(7)
G(7)
ns
invalid between 2 successive R/W accesses
FA18
td(csnV-oenIV)
Delay time, output chip select gpmc_csn[x](13)
I(8)
– 0.2
I(8) + 2.0
I(8)
– 0.2
I(8) + 2.0
ns
valid to output enable gpmc_oen invalid (Burst
read)
FA20
tw(aV)
Pulse duration, output address gpmc_a[27:1]
D(4)
D(4)
ns
valid
– 2nd, 3rd, and 4th accesses
FA25
td(csnV-wenV)
Delay time, output chip select gpmc_csn[x](13)
E(5)
– 0.2
E(5) + 2.0
E(5)
– 0.2
E(5) + 2.0
ns
valid to output write enable gpmc_wen valid
120
Peripheral Information and Timings
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com