Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 182 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 182 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 178Page - Texas Instruments AM3359 Datasheet HTML 179Page - Texas Instruments AM3359 Datasheet HTML 180Page - Texas Instruments AM3359 Datasheet HTML 181Page - Texas Instruments AM3359 Datasheet HTML 182Page - Texas Instruments AM3359 Datasheet HTML 183Page - Texas Instruments AM3359 Datasheet HTML 184Page - Texas Instruments AM3359 Datasheet HTML 185Page - Texas Instruments AM3359 Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
www.ti.com
5.5.2
LCD Raster Mode
Table 5-64. Switching Characteristics Over Recommended Operating Conditions for LCD Raster Mode
(see Figure 5-73 through Figure 5-76)
OPP50
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
1
tc(LCD_PCLK)
Cycle time, pixel clock
7.9
7.9
ns
2
tw(LCD_PCLKH)
Pulse duration, pixel clock high
0.45tc
0.55tc
0.45tc
0.55tc
ns
3
tw(LCD_PCLKL)
Pulse duration, pixel clock low
0.45tc
0.55tc
0.45tc
0.55tc
ns
Delay time, LCD_PCLK to LCD_DATA[23:0] valid
4
td(LCD_PCLK-LCD_DATAV)
1
1
ns
(write)
Delay time, LCD_PCLK to LCD_DATA[23:0] invalid
5
td(LCD_PCLK-LCD_DATAI)
-1.5
-1
ns
(write)
6
td(LCD_PCLK-LCD_AC_BIAS_EN) Delay time, LCD_PCLK to LCD_AC_BIAS_EN
-1.5
1
-1
1
ns
7
tt(LCD_AC_BIAS_EN)
Transition time, LCD_AC_BIAS_EN
0.5
2.4
0.5
2.4
ns
8
td(LCD_PCLK-LCD_VSYNC)
Delay time, LCD_PCLK to LCD_VSYNC
-1.5
1
-1
1
ns
9
tt(LCD_VSYNC)
Transition time, LCD_VSYNC
0.5
2.4
0.5
2.4
ns
10
td(LCD_PCLK-LCD_HSYNC)
Delay time, LCD_PCLK to LCD_HSYNC
-1.5
1
-1
1
ns
11
tt(LCD_HSYNC)
Transition time, LCD_HSYNC
0.5
2.4
0.5
2.4
ns
12
tt(LCD_PCLK)
Transition time, LCD_PCLK
0.5
2.4
0.5
2.4
ns
13
tt(LCD_DATA)
Transition time, LCD_DATA
0.5
2.4
0.5
2.4
ns
Frame-to-frame timing is derived through the following parameters in the LCD (RASTER_TIMING_1)
register:
•
Vertical front porch (VFP)
•
Vertical sync pulse width (VSW)
•
Vertical back porch (VBP)
•
Lines per panel (LPP_B10 + LPP)
Line-to-line timing is derived through the following parameters in the LCD (RASTER_TIMING_0) register:
•
Horizontal front porch (HFP)
•
Horizontal sync pulse width (HSW)
•
Horizontal back porch (HBP)
•
Pixels per panel (PPLMSB + PPLLSB)
LCD_AC_BIAS_EN timing is derived through the following parameter in the LCD (RASTER_TIMING_2)
register:
•
AC bias frequency (ACB)
The display format produced in raster mode is shown in Figure 5-72. An entire frame is delivered one line
at a time. The first line delivered starts at data pixel (1, 1) and ends at data pixel (P, 1). The last line
delivered starts at data pixel (1, L) and ends at data pixel (P, L). The beginning of each new frame is
denoted by the activation of I/O signal LCD_VSYNC. The beginning of each new line is denoted by the
activation of I/O signal LCD_HSYNC.
182
Peripheral Information and Timings
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com