Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 191 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 191 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 187Page - Texas Instruments AM3359 Datasheet HTML 188Page - Texas Instruments AM3359 Datasheet HTML 189Page - Texas Instruments AM3359 Datasheet HTML 190Page - Texas Instruments AM3359 Datasheet HTML 191Page - Texas Instruments AM3359 Datasheet HTML 192Page - Texas Instruments AM3359 Datasheet HTML 193Page - Texas Instruments AM3359 Datasheet HTML 194Page - Texas Instruments AM3359 Datasheet HTML 195Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 191 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
7
Mechanical Packaging and Orderable Information
7.1
Thermal Data for ZCE and ZCZ Packages
Table 7-1 provides thermal characteristics for the packages used on this device.
NOTE
Table 7-1 provides simulation data and may not represent actual use-case values.
Table 7-1. Thermal Resistance Characteristics (PBGA Package) [ZCE and ZCZ]
NAME
DESCRIPTION
AIR
ZCE
ZCZ
FLOW(1)
(
°C/W)(2)
(
°C/W)(2)
ΘJC
Junction-to-case (1S0P)(3)
N/A
10.3
10.2
ΘJB
Junction-to-board (2S2P)(3)
N/A
11.6
12.1
ΘJA
Junction-to-free air (2S2P)(3)
0.0
24.7
24.2
1.0
20.5
20.1
2.0
19.7
19.3
3.0
19.2
18.8
ΨJT
Junction-to-package top (2S2P)(3)
0.0
0.4
0.3
1.0
0.6
0.6
2.0
0.7
0.7
3.0
0.9
0.8
ΨJB
Junction-to-board (2S2P)(3)
0.0
11.9
12.7
1.0
11.7
12.3
2.0
11.7
12.3
3.0
11.6
12.2
(1)
m/s = meters per second.
(2)
°C/W = degress celsius per watt.
(3)
The board types are defined by JEDEC (reference JEDEC standard JESD51-9, Test Board for Area
Array Surface Mount Package Thermal Measurements).
7.2
Via Channel
The ZCE package has been specially engineered with Via Channel
™ technology. This allows larger than
normal PCB via and trace sizes and reduced PCB signal layers to be used in a PCB design with the
0.65-mm pitch package, and substantially reduces PCB costs. It allows PCB routing in only two signal
layers (four layers total) due to the increased layer efficiency of the Via Channel
™ BGA technology.
Via Channel
™ technology implemented on the ZCE package makes it possible to build an AM335x-based
product with a 4-layer PCB, but a 4-layer PCB may not meet system performance goals. Therefore,
system performance using a 4-layer PCB design must be evaluated during product design.
7.3
Packaging Information
The following packaging information and addendum reflect the most current data available for the
designated device(s). This data is subject to change without notice and without revision of this document.
The figures below show the package drawings for the ZCE and ZCZ package options.
Copyright
© 2011–2012, Texas Instruments Incorporated
Mechanical Packaging and Orderable Information
191
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com