Electronic Components Datasheet Search
  English  ▼

X  

MAX7370 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX7370 Datasheet HTML 4Page - Maxim Integrated Products MAX7370 Datasheet HTML 5Page - Maxim Integrated Products MAX7370 Datasheet HTML 6Page - Maxim Integrated Products MAX7370 Datasheet HTML 7Page - Maxim Integrated Products MAX7370 Datasheet HTML 8Page - Maxim Integrated Products MAX7370 Datasheet HTML 9Page - Maxim Integrated Products MAX7370 Datasheet HTML 10Page - Maxim Integrated Products MAX7370 Datasheet HTML 11Page - Maxim Integrated Products MAX7370 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
����������������������������������������������������������������� Maxim Integrated Products 8
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Detailed Description
The MAX7370 is a microprocessor peripheral low-noise
key-switch controller that monitors up to 64 key switches
with optional autorepeat, and key events that are pre-
sented in a 16-byte FIFO. Key-switch functionality can
be traded to provide up to 16 logic inputs. The device
also features 12 push-pull GPOs configured for digital
I/O and four open-drain GPOs configurable as constant-
current outputs for LED applications up to 5V. The device
supports a second 1.62V to 3.6V power supply for level
translation. The second logic supply voltage (VLA) must
be set equal to or higher than VCC.
The device features an automatic sleep mode and auto-
matic wakeup that further reduce supply current con-
sumption. The device can be configured to enter sleep
mode after a programmable time following a key event.
The FIFO content is maintained and can be read in sleep
mode. The device does not enter autosleep when a key
is held down. The autowake feature takes the device
out of sleep mode following a keypress. Autosleep and
autowake are enabled/disabled by programming the
configuration register (0x01).
To prevent overloading the microprocessor with too
many interrupts, interrupt requests can be triggered
after a programmable number of FIFO entries have been
exceeded, and/or after a set period of time (0x05). The
key-switch status is checked by reading the key-switch
FIFO. A 1-byte read access returns both the next key
event in the FIFO (if there is one) and the FIFO status.
Up to four of the key-switch outputs function as open-
drain GPOs capable of driving additional LEDs when the
application requires fewer keys to be scanned. For each
key-switch output used as a GPO, the number of moni-
tored key switches reduces by eight.
The device meets ESD requirements for ±8kV contact dis-
charge and 15kV Air-Gap Discharge on all key-switch pins.
Initial Power-Up
On power-up, all control registers are set to power-up
values (Table 1) and the device is in sleep mode.
Table 1. Register Address Map and Power-Up Conditions
ADDRESS
CODE (hex)
READ/WRITE
POWER-UP
VALUE (hex)
REGISTER
FUNCTION
DESCRIPTION
0x00
Read only
0x3F
Keys FIFO
Read FIFO keyscan data out
0x01
R/W
0x0B
Configuration
Power-down, key-release enable, autowake, and I2C
timeout enable
0x02
R/W
0xFF
Debounce
Key debounce time setting
0x03
R/W
0x00
Interrupt
Key-switch interrupt and INT frequency setting
0x05
R/W
0x00
Key repeat
Delay and frequency for key repeat
0x06
R/W
0x07
Sleep
Idle time to autosleep
0x30
R/W
0xFF
Key-switch size
Keyscan switch array size
0x31
R/W
0x00
LED driver
enable
LED driver enable register
0x34
R/W
0x00
GPIO
direction 1
GPIO input/output control register 1 for
ROW7–ROW0
0x35
R/W
0x00
GPIO
direction 2
GPIO input/output control register 2 for COL7–COL0
0x36
R/W
0xFF
GPO output
mode 1
GPO open-drain/push-pull output setting for
ROW7–ROW0
0x37
R/W
0x0F
GPO output
mode 2
GPO open-drain/push-pull output setting for
COL7–COL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com