Electronic Components Datasheet Search
  English  ▼

X  

MAX7370 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7370 Datasheet HTML 5Page - Maxim Integrated Products MAX7370 Datasheet HTML 6Page - Maxim Integrated Products MAX7370 Datasheet HTML 7Page - Maxim Integrated Products MAX7370 Datasheet HTML 8Page - Maxim Integrated Products MAX7370 Datasheet HTML 9Page - Maxim Integrated Products MAX7370 Datasheet HTML 10Page - Maxim Integrated Products MAX7370 Datasheet HTML 11Page - Maxim Integrated Products MAX7370 Datasheet HTML 12Page - Maxim Integrated Products MAX7370 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
����������������������������������������������������������������� Maxim Integrated Products 9
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Table 1. Register Address Map and Power-Up Conditions (continued)
ADDRESS
CODE (hex)
READ/WRITE
POWER-UP
VALUE (hex)
REGISTER
FUNCTION
DESCRIPTION
0x38
R/W
0x00
GPIO supply
voltage 1
GPIO voltages supplied by VCC or VLA for
ROW7–ROW0
0x39
R/W
0x00
GPIO supply
voltage 2
GPIO voltages supplied by VCC or VLA for
COL7–COL0
0x3A
R/W
0xFF
GPIO values 1
Debounced input or output values of ROW7–ROW0
0x3B
R/W
0xFF
GPIO values 2
Debounced input or output values of COL7–COL0
0x3C
R/W
0x00
GPIO level-
shifter enable
GPIO direct level-shifter pair enable
0x40
R/W
0x00
GPIO global
configuration
GPIO global enable, GPIO reset, LED fade enable
0x42
R/W
0x00
GPIO debounce
ROW7–ROW0 debounce time setting
0x43
R/W
0xC0
LED constant-
current setting
COL7–COL4 constant-current output setting
0x45
R/W
0x00
Common PWM
Common PWM duty-cycle setting
0x48
Read only
0x00
I2C timeout flag
I2C timeout since last POR
0x50
R/W
0x00
COL4 PWM
ratio
COL4 individual duty-cycle setting
0x51
R/W
0x00
COL5 PWM
ratio
COL5 individual duty-cycle setting
0x52
R/W
0x00
COL6 PWM
ratio
COL6 individual duty-cycle setting
0x53
R/W
0x00
COL7 PWM
ratio
COL7 individual duty-cycle setting
0x54
R/W
0x00
COL4 LED
configuration
COL4 interrupt, PWM mode control, and blink-
period settings
0x55
R/W
0x00
COL5 LED
configuration
COL5 interrupt, PWM mode control, and blink-
period settings
0x56
R/W
0x00
COL6 LED
configuration
COL6 interrupt, PWM mode control, and blink-
period settings
0x57
R/W
0x00
COL7 LED
configuration
COL7 interrupt, PWM mode control, and blink-
period settings
0x58
R/W
0xFF
Interrupt
mask 1
Interrupt mask for ROW7–ROW0
0x59
R/W
0xFF
Interrupt
mask 2
Interrupt mask for COL7–COL0
0x5A
R/W
0x00
GPI trigger
mode 1
GPI edge-triggered detection setting for
ROW7–ROW0
0x5B
R/W
0x00
GPI trigger
mode 2
GPI edge-triggered detection setting for
COL7–COL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com