Electronic Components Datasheet Search
  English  ▼

X  

MAX7370 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MAX7370 Datasheet HTML 26Page - Maxim Integrated Products MAX7370 Datasheet HTML 27Page - Maxim Integrated Products MAX7370 Datasheet HTML 28Page - Maxim Integrated Products MAX7370 Datasheet HTML 29Page - Maxim Integrated Products MAX7370 Datasheet HTML 30Page - Maxim Integrated Products MAX7370 Datasheet HTML 31Page - Maxim Integrated Products MAX7370 Datasheet HTML 32Page - Maxim Integrated Products MAX7370 Datasheet HTML 33Page - Maxim Integrated Products MAX7370 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 30
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Table 24. GPIO Global Configuration Register (0x40)
Table 25. GPIO Debounce Configuration Register (0x42)
REGISTER DESCRIPTION
REGISTER DATA
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
DEBOUNCE TIME
Power-up default setting
Debounce time is 9ms
0
0
0
0
0
0
0
0
Debounce time is 10ms
0
0
0
0
0
0
0
1
Debounce time is 11ms
0
0
0
0
0
0
1
0
Debounce time is 12ms
0
0
0
0
0
0
1
1
⋮
Debounce time is 37ms
0
0
0
1
1
1
0
0
Debounce time is 38ms
0
0
0
1
1
1
0
1
Debounce time is 39ms
0
0
0
1
1
1
1
0
Debounce time is 40ms
0
0
0
1
1
1
1
1
REGISTER BIT
DESCRIPTION
VALUE
FUNCTION
DEFAULT VALUE
D[7:6]
Reserved
0
—
00
D5
I2C timeout
interrupt enable
0
Disabled
0
1
INT is asserted when I2C bus times out. INT is
deasserted when a read is performed on the I2C
timeout flag register (0x48).
D4
GPIO enable
0
PWM, constant-current circuits, and GPIs are
shut down. GPO values depend on their setting.
Register 0x31 to 0x5B values are stored and
cannot be changed. The entire part is shut down
if the key switches are in sleep mode
(D7 of register 0x01).
0
1
Normal GPIO operation. PWM, constant-current
circuits, and GPIOs are enabled regardless of
key-switch sleep-mode state (see Table 8).
D3
GPIO reset
0
Normal operation
0
1
Return all GPIO registers (registers 0x31 to 0x5B)
to their POR value. This bit is momentary and
resets itself to 0 after the write cycle.
D[2:0]
Fade-in/out time
000
No fading
000
XXX
PWM intensity ramps up (down) between the
common PWM value and 0% duty cycle in 16
steps over the following time period:
D[2:0] = 001 = 256ms
D[2:0] = 010 = 512ms
D[2:0] = 011 = 1024ms
D[2:0] = 100 = 2048ms
D[2:0] = 101 = 4096ms
D[2:0] = 110/111 = Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com