| Electronic Components Datasheet Search |
|
MAX7370 Datasheet(PDF) 26 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX7370 Datasheet(HTML) 26 Page - Maxim Integrated Products |
|
26 / 37 page ![]() ���������������������������������������������������������������� Maxim Integrated Products 26 MAX7370 8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection Table 17. GPO Output Mode 1 Register (0x36) Table 18. GPO Output Mode 2 Register (0x37) Note: When programmed as GPO, COL7–COL4 are always open drain and bits D[7:4] are not writable. REGISTER BIT DESCRIPTION VALUE FUNCTION DEFAULT VALUE D7 ROW7 0 Port is an open-drain output 1 1 Port is a push-pull output D6 ROW6 0 Port is an open-drain output 1 1 Port is a push-pull output D5 ROW5 0 Port is an open-drain output 1 1 Port is a push-pull output D4 ROW4 0 Port is an open-drain output 1 1 Port is a push-pull output D3 ROW3 0 Port is an open-drain output 1 1 Port is a push-pull output D2 ROW2 0 Port is an open-drain output 1 1 Port is a push-pull output D1 ROW1 0 Port is an open-drain output 1 1 Port is a push-pull output D0 ROW0 0 Port is an open-drain output 1 1 Port is a push-pull output REGISTER BIT DESCRIPTION VALUE FUNCTION DEFAULT VALUE D7 COL7 0 Port is an open-drain output 0 D6 COL6 0 Port is an open-drain output 0 D5 COL5 0 Port is an open-drain output 0 D4 COL4 0 Port is an open-drain output 0 D3 COL3 0 Port is an open-drain output 1 1 Port is a push-pull output D2 COL2 0 Port is an open-drain output 1 1 Port is a push-pull output D1 COL1 0 Port is an open-drain output 1 1 Port is a push-pull output D0 COL0 0 Port is an open-drain output 1 1 Port is a push-pull output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |