Electronic Components Datasheet Search
  English  ▼

X  

MAX7370 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX7370 Datasheet HTML 18Page - Maxim Integrated Products MAX7370 Datasheet HTML 19Page - Maxim Integrated Products MAX7370 Datasheet HTML 20Page - Maxim Integrated Products MAX7370 Datasheet HTML 21Page - Maxim Integrated Products MAX7370 Datasheet HTML 22Page - Maxim Integrated Products MAX7370 Datasheet HTML 23Page - Maxim Integrated Products MAX7370 Datasheet HTML 24Page - Maxim Integrated Products MAX7370 Datasheet HTML 25Page - Maxim Integrated Products MAX7370 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 22
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Table 9. Key-Switch Debounce Register (0x02)
Table 10. Key-Switch Interrupt Register (0x03)
X = Don’t care.
X = Don’t care.
REGISTER DESCRIPTION
REGISTER DATA
D7
D6
D5
D4
D3
D2
D1
D0
DEBOUNCE TIME
RELEASE DEBOUNCE TIME
PRESS DEBOUNCE TIME
2ms
X
0
0
0
0
4ms
0
0
0
1
6ms
0
0
1
0
⋮
28ms
X
1
1
0
1
30ms
1
1
1
0
32ms
1
1
1
1
2ms
0
0
0
0
X
4ms
0
0
0
1
6ms
0
0
1
0
⋮
28ms
1
1
0
1
X
30ms
1
1
1
0
32ms
1
1
1
1
Power-on default (32ms)
1
1
1
1
1
1
1
1
REGISTER DESCRIPTION
REGISTER DATA
D7
D6
D5
D4
D3
D2
D1
D0
FIFO-BASED INT
TIME-BASED INT
Power-up default setting
All INT disabled
0
0
0
0
0
0
0
0
Time-based INT disabled
X
0
0
0
0
0
INT asserts every debounce cycle
0
0
0
0
1
INT asserts every 2 debounce cycles
0
0
0
1
0
⋮
INT asserts every 29 debounce cycles
X
1
1
1
0
1
INT asserts every 30 debounce cycles
1
1
1
1
0
INT asserts every 31 debounce cycles
1
1
1
1
1
FIFO-based INT disabled
0
0
0
X
INT asserts when the FIFO has 2 key events
0
0
1
INT asserts when the FIFO has 4 key events
0
1
0
⋮
INT asserts when the FIFO has 10 key events
1
0
1
X
INT asserts when the FIFO has 12 key events
1
1
0
INT asserts when the FIFO has 14 key events
1
1
1
Both time-based and FIFO-based interrupts active
Not all zero
Not all zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com