Electronic Components Datasheet Search
  English  ▼

X  

MAX7370 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX7370 Datasheet HTML 12Page - Maxim Integrated Products MAX7370 Datasheet HTML 13Page - Maxim Integrated Products MAX7370 Datasheet HTML 14Page - Maxim Integrated Products MAX7370 Datasheet HTML 15Page - Maxim Integrated Products MAX7370 Datasheet HTML 16Page - Maxim Integrated Products MAX7370 Datasheet HTML 17Page - Maxim Integrated Products MAX7370 Datasheet HTML 18Page - Maxim Integrated Products MAX7370 Datasheet HTML 19Page - Maxim Integrated Products MAX7370 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 16
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Slave Addresses
The device has two 7-bit long slave addresses. The bit
following a 7-bit slave address is the R/W bit, which is
low for a write command and high for a read command.
The first 4 bits (MSBs) of the device slave addresses
are always 0111. Slave address bits A[3:1] correspond,
by the matrix in Table 3, to the states of the device
address input pin AD0, and A0 corresponds to the
R/W bit (Figure 5). The AD0 input can be connected
to any of four signals: GND, VCC, SDA, or SCL, giv-
ing four possible slave-address pairs, allowing up to
four devices to share the same bus. Because SDA and
SCL are dynamic signals, care must be taken to ensure
that AD0 transitions no sooner than the signals on
SDA and SCL.
The device monitors the bus continuously, waiting for a
START condition, followed by its slave address. When
the device recognizes its slave address, it acknowledges
and is then ready for continued communication.
Bus Timeout
The device features a 20ms (min) bus timeout on the
two-wire serial interface, largely to prevent the device
from holding the SDA I/O low during a read transac-
tion should the SCL lock up for any reason before a
serial transaction is completed. Bus timeout operates by
causing the device to internally terminate a serial trans-
action, either read or write, if the time between adjacent
edges on SCL exceeds 20ms. After a bus timeout, the
device waits for a valid START condition before respond-
ing to a consecutive transmission. This feature can be
enabled or disabled under user control by writing to the
configuration register.
Message Format for Writing
the Keyscan Controller
A write to the device comprises the transmission of the slave
address with the R/W bit set to zero, followed by at least one
byte of information. The first byte of information is the com-
mand byte. The command byte determines which register
of the device is to be written by the next byte, if received.
If a STOP condition is detected after the command byte
is received, the device takes no further action (Figure 6)
beyond storing the command byte.
Any bytes received after the command byte are data bytes.
The first data byte goes into the internal register of the
device selected by the command byte (Figure 7).
If multiple data bytes are transmitted before a STOP condi-
tion is detected, these bytes are generally stored in sub-
sequent internal registers of the device, because the com-
mand-byte address generally autoincrements (Table 4).
Figure 4. Acknowledge
Figure 5. Slave Address
Table 3. Two-Wire Interface Address Map
AD0
PIN
DEVICE ADDRESS
A7
A6
A5
A4
A3
A2
A1
A0
GND
0
1
1
1
0
0
0
R/W
VCC
0
1
SDA
1
0
SCL
1
1
SCL
SDA BY
TRANSMITTER
CLOCK PULSE FOR
ACKNOWLEDGE
START
CONDITION
SDA BY
RECEIVER
1
2
8
9
S
SDA
SCL
01
1A3A2A1
1
MSB
LSB
ACK
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com