Electronic Components Datasheet Search
  English  ▼

X  

MAX7370 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX7370 Datasheet HTML 21Page - Maxim Integrated Products MAX7370 Datasheet HTML 22Page - Maxim Integrated Products MAX7370 Datasheet HTML 23Page - Maxim Integrated Products MAX7370 Datasheet HTML 24Page - Maxim Integrated Products MAX7370 Datasheet HTML 25Page - Maxim Integrated Products MAX7370 Datasheet HTML 26Page - Maxim Integrated Products MAX7370 Datasheet HTML 27Page - Maxim Integrated Products MAX7370 Datasheet HTML 28Page - Maxim Integrated Products MAX7370 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 25
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Table 15. GPIO Direction 1 Register (0x34)
Table 16. GPIO Direction 2 Register (0x35)
REGISTER BIT
DESCRIPTION
VALUE
FUNCTION
DEFAULT VALUE
D7
ROW7
0
Set as input pin
0
1
Set as output pin
D6
ROW6
0
Set as input pin
0
1
Set as output pin
D5
ROW5
0
Set as input pin
0
1
Set as output pin
D4
ROW4
0
Set as input pin
0
1
Set as output pin
D3
ROW3
0
Set as input pin
0
1
Set as output pin
D2
ROW2
0
Set as input pin
0
1
Set as output pin
D1
ROW1
0
Set as input pin
0
1
Set as output pin
D0
ROW0
0
Set as input pin
0
1
Set as output pin
REGISTER BIT
DESCRIPTION
VALUE
FUNCTION
DEFAULT VALUE
D7
COL7
0
Set as input pin
0
1
Set as output pin
D6
COL6
0
Set as input pin
0
1
Set as output pin
D5
COL5
0
Set as input pin
0
1
Set as output pin
D4
COL4
0
Set as input pin
0
1
Set as output pin
D3
COL3
0
Set as input pin
0
1
Set as output pin
D2
COL2
0
Set as input pin
0
1
Set as output pin
D1
COL1
0
Set as input pin
0
1
Set as output pin
D0
COL0
0
Set as input pin
0
1
Set as output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com