Electronic Components Datasheet Search
  English  ▼

X  

MAX7370 Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAX7370 Datasheet HTML 27Page - Maxim Integrated Products MAX7370 Datasheet HTML 28Page - Maxim Integrated Products MAX7370 Datasheet HTML 29Page - Maxim Integrated Products MAX7370 Datasheet HTML 30Page - Maxim Integrated Products MAX7370 Datasheet HTML 31Page - Maxim Integrated Products MAX7370 Datasheet HTML 32Page - Maxim Integrated Products MAX7370 Datasheet HTML 33Page - Maxim Integrated Products MAX7370 Datasheet HTML 34Page - Maxim Integrated Products MAX7370 Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 31
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Table 26. LED Constant-Current Setting Register (0x43)
Table 27. Common PWM Register (0x45)
Table 28. I2C Timeout Flag Register (0x48) (Read Only)
REGISTER BIT
DESCRIPTION
VALUE
FUNCTION
DEFAULT VALUE
D[7:6]
Reserved
11
Set always as 11
11
D[5:1]
Reserved
00000
—
00000
D0
Constant-current
setting
0
Constant current is 20mA
0
1
Constant current is 10mA
REGISTER DESCRIPTION
REGISTER DATA
D7
D6
D5
D4
D3
D2
D1
D0
COMMON PWM
Power-up default setting
Common PWM ratio is 0/256
0
0
0
0
0
0
0
0
Common PWM ratio is 1/256
0
0
0
0
0
0
0
1
Common PWM ratio is 2/256
0
0
0
0
0
0
1
0
Common PWM ratio is 3/256
0
0
0
0
0
0
1
1
⋮
Common PWM ratio is 252/256
1
1
1
1
1
1
0
0
Common PWM ratio is 253/256
1
1
1
1
1
1
0
1
Common PWM ratio is 254/256
1
1
1
1
1
1
1
0
Common PWM ratio is 256/256 (100% duty cycle)
1
1
1
1
1
1
1
1
REGISTER BIT
DESCRIPTION
VALUE
FUNCTION
DEFAULT VALUE
D[7:1]
Reserved
0000000
—
0000000
D0
I2C timeout flag
0
No I2C timeout has occurred since last read or
POR.
0
1
I2C timeout has occurred since last read or POR.
This bit is reset to zero when a read is performed
on this register. I2C timeouts must be enabled for
this function to work (see Table 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com