Electronic Components Datasheet Search
  English  ▼

X  

MAX7370 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button MAX7370 Datasheet HTML 29Page - Maxim Integrated Products MAX7370 Datasheet HTML 30Page - Maxim Integrated Products MAX7370 Datasheet HTML 31Page - Maxim Integrated Products MAX7370 Datasheet HTML 32Page - Maxim Integrated Products MAX7370 Datasheet HTML 33Page - Maxim Integrated Products MAX7370 Datasheet HTML 34Page - Maxim Integrated Products MAX7370 Datasheet HTML 35Page - Maxim Integrated Products MAX7370 Datasheet HTML 36Page - Maxim Integrated Products MAX7370 Datasheet HTML 37Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 35
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Typical Application Circuit
KEY 7
KEY 15
KEY 23
KEY 31
KEY 6
KEY 14
KEY 22
KEY 30
KEY 5
KEY 13
KEY 21
KEY 29
KEY 4
KEY 12
KEY 20
KEY 28
KEY 3
KEY 11
KEY 19
KEY 27
KEY 2
KEY 10
KEY 18
KEY 26
KEY 1
KEY 9
KEY 17
KEY 25
KEY 0
KEY 8
KEY 16
KEY 24
I/O
I/O
I/O
COL5
COL4
COL3
COL2
COL1
COL0
ROW7
ROW6
ROW5
ROW4
ROW3
ROW2
ROW1
ROW0
COL6
COL7
+5V
+1.8V
VCC
+2.6V
VLA
+3.3V
VCC
SDA
GND
SCL
µC
INT
SDA
SCL
INT
GND
AD0
MAX7370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com