Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX11331 Datasheet HTML 8Page - Maxim Integrated Products MAX11331 Datasheet HTML 9Page - Maxim Integrated Products MAX11331 Datasheet HTML 10Page - Maxim Integrated Products MAX11331 Datasheet HTML 11Page - Maxim Integrated Products MAX11331 Datasheet HTML 12Page - Maxim Integrated Products MAX11331 Datasheet HTML 13Page - Maxim Integrated Products MAX11331 Datasheet HTML 14Page - Maxim Integrated Products MAX11331 Datasheet HTML 15Page - Maxim Integrated Products MAX11331 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 12
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Pin Description (continued)
MAX11329
MAX11331
(16 CHANNEL)
MAX11330
MAX11332
(8 CHANNEL)
NAME
FUNCTION
20, 21
20, 21
VDD
Power-Supply Input. Bypass to GND with a 10FF in parallel with a 0.1FF
capacitors.
22
22
SCLK
Serial Clock Input. Clocks data in and out of the serial interface.
23
23
CS
Active-Low Chip Select Input. When CS is low, the serial interface is enabled.
When CS is high, DOUT is high impedance or three-state.
24
24
DIN
Serial Data Input. DIN data is latched into the serial interface on the rising edge
of SCLK.
25
25
DGND
Digital I/O Ground
26
26
OVDD
Digital Power-Supply Input. Bypass to GND with a 10FF in parallel with a 0.1FF
capacitors.
27
27
DOUT
Serial Data Output. Data is clocked out on the falling edge of SCLK. When CS is
high, DOUT is high impedance or three-state.
28
28
EOC
End of Conversion Output. Data is valid after EOC is driven low (internal clock mode
only).
—
—
EP
Exposed Pad. Connect EP directly to GND plane for guaranteed performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com