Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX11331 Datasheet HTML 20Page - Maxim Integrated Products MAX11331 Datasheet HTML 21Page - Maxim Integrated Products MAX11331 Datasheet HTML 22Page - Maxim Integrated Products MAX11331 Datasheet HTML 23Page - Maxim Integrated Products MAX11331 Datasheet HTML 24Page - Maxim Integrated Products MAX11331 Datasheet HTML 25Page - Maxim Integrated Products MAX11331 Datasheet HTML 26Page - Maxim Integrated Products MAX11331 Datasheet HTML 27Page - Maxim Integrated Products MAX11331 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 24
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Table 3. ADC Scan Control (continued)
Table 4. Analog Input Channel Select
SCAN3
SCAN2
SCAN1
SCAN0
MODE NAME
FUNCTION
1
0
0
1
SampleSet
Scans preprogrammed channel sequence with maximum length of
256. There is no restriction on the channel pattern.
Clock mode: External clock only
Channel scan/sequence: Unique channel sequence
Maximum depth: 256 conversions
Channel Selection: See Table 4
Averaging: No
1
0
1
0
Null
Continue to operate in the previously selected mode. Ignore data on
bits [10:0].
1
0
1
1
Null
Continue to operate in the previously selected mode. Ignore data on
bits [10:0].
1
1
0
0
Null
Continue to operate in the previously selected mode. Ignore data on
bits [10:0].
1
1
0
1
Null
Continue to operate in the previously selected mode. Ignore data on
bits [10:0].
1
1
1
0
Null
Continue to operate in the previously selected mode. Ignore data on
bits [10:0].
1
1
1
1
Null
Continue to operate in the previously selected mode. Ignore data on
bits [10:0].
CHSEL3
CHSEL2
CHSEL1
CHSEL0
SELECTED CHANNEL (N)
0
0
0
0
AIN0
0
0
0
1
AIN1
0
0
1
0
AIN2
0
0
1
1
AIN3
0
1
0
0
AIN4
0
1
0
1
AIN5
0
1
1
0
AIN6
0
1
1
1
AIN7
1
0
0
0
AIN8
1
0
0
1
AIN9
1
0
1
0
AIN10
1
0
1
1
AIN11
1
1
0
0
AIN12
1
1
0
1
AIN13
1
1
1
0
AIN14
1
1
1
1
AIN15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com