Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX11331 Datasheet HTML 28Page - Maxim Integrated Products MAX11331 Datasheet HTML 29Page - Maxim Integrated Products MAX11331 Datasheet HTML 30Page - Maxim Integrated Products MAX11331 Datasheet HTML 31Page - Maxim Integrated Products MAX11331 Datasheet HTML 32Page - Maxim Integrated Products MAX11331 Datasheet HTML 33Page - Maxim Integrated Products MAX11331 Datasheet HTML 34Page - Maxim Integrated Products MAX11331 Datasheet HTML 35Page - Maxim Integrated Products MAX11331 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 32
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Figure 11. ADC Programming Sequence
SELECT REFERENCE
UNIPOLAR
RANGE SELECT
EXTERNAL SINGLE-ENDED
EXTERNAL DIFFERENTIAL
1
0
SINGLE-ENDED
OR DIFFERENTIAL
SELECT ADC
CONFIGURATION REGISTER
SET REFSEL BIT TO 0
SELECT ADC
CONFIGURATION REGISTER
SET REFSEL BIT TO 1
FIGURE OUT NUMBER
OF CHANNELS TO USE (N)
FOR EACH ADC CHANNEL
SINGLE-ENDED
PSEUDO-
DIFFERENTIAL
FULLY-
DIFFERENTIAL
SINGLE-ENDED
PSEUDO-
DIFFERENTIAL
UNIPOLAR OR
BIPOLAR
PSEUDO-DIFFERENTIAL
SINGLE-ENDED
BIPOLAR
SE, PsD/FD
SELECT UNIPOLAR AND
REGISTER SET BIT PDIFF_COM
TO 1 FOR PSEUDO-
DIFFERENTIAL SELECTION
SELECT UNIPOLAR AND
BIPOLAR REGISTER SET PER
CHANNEL UCH{X}/{X+1}
AND BCH{X}/{X+1} TO 0 FOR
SINGLE-ENDED SELECTION
SELECT BIPOLAR REGISTER
SET PER CHANNEL
BCH{X}/{X+1} TO 1
FOR BIPOLAR FULLY
DIFFERENTIAL
SELECT UNIPOLAR
REGISTER SET PER
CHANNEL UCH{X}/{X+1}
TO 1 FOR UNIPOLAR
SELECT RANGE REGISTER SET PER CHANNEL
PAIR RANGE{X}/{X+1} TO 1 QVREF+
SELECT RANGE REGISTER SET PER CHANNEL
PAIR RANGE{X}/{X+1} TO 0 QVREF+/2
NEXT CHANNEL
SEE FIGURE 12
FOR EACH ADC CHANNEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com