Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX11331 Datasheet HTML 16Page - Maxim Integrated Products MAX11331 Datasheet HTML 17Page - Maxim Integrated Products MAX11331 Datasheet HTML 18Page - Maxim Integrated Products MAX11331 Datasheet HTML 19Page - Maxim Integrated Products MAX11331 Datasheet HTML 20Page - Maxim Integrated Products MAX11331 Datasheet HTML 21Page - Maxim Integrated Products MAX11331 Datasheet HTML 22Page - Maxim Integrated Products MAX11331 Datasheet HTML 23Page - Maxim Integrated Products MAX11331 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 20
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Figure 9. SampleSet Use-Model Example
The SampleSet approach provides greater sequencing
flexibility for multichannel applications while alleviat-
ing significant microcontroller communication overhead.
SampleSet technology allows the user to exploit available
ADC input bandwidth without need for constant commu-
nication between the ADC and controlling unit. The user
may define and load a unique sequencing pattern into
the ADC allowing both high- and low-frequency inputs
to be converted appropriately without interface activity.
With the unique sequence loaded into ADC memory, the
pattern may be repeated indefinitely or changed at any
time.
For example, the maximum throughput of MAX11329–
MAX11332 is 3Msps. Traditional ADC scan modes allow
SAMPLE SET
(DEPTH = 256)
1ST CYCLE2ND CYCLE3RD CYCLE4TH CYCLE5TH CYCLE6TH CYCLE7TH CYCLE8TH CYCLE9TH CYCLE
POTENTIAL SampleSet PATTERN
CHANNEL:
ENTRY NO.:
AIN2/
AIN3
AIN2/
AIN3
AIN2/
AIN3
AIN2/
AIN3
AIN0
AIN1
AIN0
AIN0
AIN0
AIN0
254
137
136
135
134
133
132
131
130
129
128
127
126
125
124
123
122
121
120
5
4
3
2
1
255
256
AIN1
AIN1
AIN1
AIN1
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
AIN11
AIN12
AIN13
AIN14
AIN15
120 CONVERSIONS:
AIN0 AND AIN1
135
1
122
123
124
125
256
120 CONVERSIONS:
AIN0 AND AIN1
SampleSet REPEATS: LENGTH = 256
100kHz
100 CYCLES
10kHz
10 CYCLES
1kHz
1 CYCLES
CS
AIN0
AIN1
2
3
5
7
9
11
13
15
17
19
21
23
25
27
29
4
6
8
10
12
14
16
tS = 1/fS = 1/3Msps = 333.33ns
TS
TS
fin = 100kHz
18
31
20
22
24
26
28
30
32
5µs
5µs
10µs
10µs
FULLY
DIFFERENTIAL
AIN0
ANALOG
INPUTS
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN11
AIN12
AIN13
AIN9
AIN10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com