Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX11331 Datasheet HTML 13Page - Maxim Integrated Products MAX11331 Datasheet HTML 14Page - Maxim Integrated Products MAX11331 Datasheet HTML 15Page - Maxim Integrated Products MAX11331 Datasheet HTML 16Page - Maxim Integrated Products MAX11331 Datasheet HTML 17Page - Maxim Integrated Products MAX11331 Datasheet HTML 18Page - Maxim Integrated Products MAX11331 Datasheet HTML 19Page - Maxim Integrated Products MAX11331 Datasheet HTML 20Page - Maxim Integrated Products MAX11331 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 17
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Figure 4. Unipolar Transfer Function for 12-Bit Resolution
Figure 5. Bipolar Transfer Function for 12-Bit Resolution
result contains 2 bytes, with the MSB preceded by four
leading channel address bits. After each falling edge of
CS, the oldest available byte of data is available at DOUT.
When the FIFO is empty, DOUT is zero.
External Clock
Apply a soft reset when changing from internal to external
clock mode: RESET [1:0] = 10. The detailed operation
of external clock mode is dependent on the mode of
operation selected for the device using SCAN[3:0] bit
settings (see Table 3). In external clock mode the analog
inputs are sampled at the falling edge of CS. Serial clock
(SCLK) is used to perform the conversion.
Depending on the mode selected, the sequencer reads
in the channel to be converted from the serial data input
(DIN) at each frame (e.g. manual mode). The conversion
results are sent to the serial output (DOUT) at the next
frame.
In other external clocked modes the sequence of channel
to be converted is determined by the mode (SCAN[3:0])
selected in Table 3. See the Applications Information for
more detail on programming modes.
Internal Clock
Apply a soft reset when changing from internal to exter-
nal clock mode: RESET [1:0] = 10. The MAX11329–
MAX11332 operate from an internal oscillator, which
is accurate within Q15% of the 40MHz nominal clock
rate. Request internally timed conversions by writing the
appropriate sequence to the ADC Mode Control register
(Table 2).
The wake-up, acquisition, conversion, and shutdown
sequences are initiated through CNVST and are per-
formed automatically using the internal oscillator. Results
are added to the internal FIFO.
With CS high, initiate a scan by setting CNVST low for
at least 5ns before pulling it high (Figure 6). Then, the
MAX11329–MAX11332 wake up, scan all requested
channels, store the results in the FIFO, and shut down.
After the scan is complete, EOC is pulled low and the
results are available in the FIFO. Wait until EOC goes
low before pulling CS low to communicate with the serial
interface. EOC stays low until CS or CNVST is pulled low
again. Do not initiate a second CNVST before EOC goes
low; otherwise, the FIFO may become corrupted.
01
23
4
FS
FFF
FFE
FFD
FFC
FFB
000
001
002
003
004
OUTPUT CODE (hex)
INPUT VOLTAGE (LSB)
FS = VREF+
ZS = 0
1 LSB =
4096
VREF+
FS -1.5 LSB
-FS
+FS
7FF
7FE
001
000
800
801
FFE
OUTPUT CODE (hex)
INPUT VOLTAGE (LSB)
ZS = 0
+FS =
2
VREF+
FFF
0
-FS =
2
-VREF+
1 LSB =
4096
VREF+
+FS -1.5 LSB
-FS +0.5 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com