Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button MAX11331 Datasheet HTML 29Page - Maxim Integrated Products MAX11331 Datasheet HTML 30Page - Maxim Integrated Products MAX11331 Datasheet HTML 31Page - Maxim Integrated Products MAX11331 Datasheet HTML 32Page - Maxim Integrated Products MAX11331 Datasheet HTML 33Page - Maxim Integrated Products MAX11331 Datasheet HTML 34Page - Maxim Integrated Products MAX11331 Datasheet HTML 35Page - Maxim Integrated Products MAX11331 Datasheet HTML 36Page - Maxim Integrated Products MAX11331 Datasheet HTML 37Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 34
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Figure 13. Typical Application Circuit
Choosing a Reference
For devices using an external reference, the choice of the
reference determines the output accuracy of the ADC.
An ideal voltage reference provides a perfect initial accu-
racy and maintains the reference voltage independent
of changes in load current, temperature, and time. The
following parameters need to be considered in selecting
a reference:
U
Initial voltage accuracy
U
Temperature drift
U
Current source capability
U
Current sink capability
U
Quiescent current
U
Noise. See Table 16.
MAX4430
MAX11329–MAX11332
MAX6126
MAX4430
+5V
CPU
SCLK
MISO
MOSI
SS
INPUT 1
4
3
2
5
1
VDC
100pF
500I
-5V
500I
10I
0.1µF
10µF
0.1µF
10µF
0.1µF
470pF
470pF
10µF
INPUT 2
COG
CAPACITOR
COG
CAPACITOR
0.1µF
10µF
1µF
0.1µF
+5V
0.1µF
VDD
VDD
AGND
AIN0
AIN1
AIN15
REF
OUTF
OUTS
GNDS
1
2
7
6
4
3
GND
DIN
IN
NR
CS
DOUT
SCLK
OVDD
AON
AOP
AIP
AIN
GND
VOVDD
0.1µF
10µF
+5V
INPUT 2
4
3
2
5
1
VDC
100pF
500I
-5V
500I
10I
0.1µF
10µF
0.1µF
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com