Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MAX11331 Datasheet HTML 26Page - Maxim Integrated Products MAX11331 Datasheet HTML 27Page - Maxim Integrated Products MAX11331 Datasheet HTML 28Page - Maxim Integrated Products MAX11331 Datasheet HTML 29Page - Maxim Integrated Products MAX11331 Datasheet HTML 30Page - Maxim Integrated Products MAX11331 Datasheet HTML 31Page - Maxim Integrated Products MAX11331 Datasheet HTML 32Page - Maxim Integrated Products MAX11331 Datasheet HTML 33Page - Maxim Integrated Products MAX11331 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 30
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Table 12. Custom Scan0 Register
Table 13. Custom Scan1 Register
Table 14. SampleSet Register
BIT NAME
BIT
DEFAULT
STATE
FUNCTION
CUST_SCAN0
15:11
—
Set to 10100 to select the Custom Scan0 register.
CHSCAN15
10
0
Set to 1 to scan AIN15. Set to 0 to omit AIN15.
CHSCAN14
9
0
Set to 1 to scan AIN14. Set to 0 to omit AIN14.
CHSCAN13
8
0
Set to 1 to scan AIN13. Set to 0 to omit AIN13.
CHSCAN12
7
0
Set to 1 to scan AIN12. Set to 0 to omit AIN12.
CHSCAN11
6
0
Set to 1 to scan AIN11. Set to 0 to omit AIN11.
CHSCAN10
5
0
Set to 1 to scan AIN10. Set to 0 to omit AIN10.
CHSCAN9
4
0
Set to 1 to scan AIN9. Set to 0 to omit AIN9.
CHSCAN8
3
0
Set to 1 to scan AIN8. Set to 0 to omit AIN8.
—
2:0
000
Unused.
BIT NAME
BIT
DEFAULT
STATE
FUNCTION
CUST_SCAN1
15:11
—
Set to 10101 to select the Custom Scan1 register.
CHSCAN7
10
0
Set to 1 to scan AIN7. Set to 0 to omit AIN7.
CHSCAN6
9
0
Set to 1 to scan AIN6. Set to 0 to omit AIN6.
CHSCAN5
8
0
Set to 1 to scan AIN5. Set to 0 to omit AIN5.
CHSCAN4
7
0
Set to 1 to scan AIN4. Set to 0 to omit AIN4.
CHSCAN3
6
0
Set to 1 to scan AIN3. Set to 0 to omit AIN3.
CHSCAN2
5
0
Set to 1 to scan AIN2. Set to 0 to omit AIN2.
CHSCAN1
4
0
Set to 1 to scan AIN1. Set to 0 to omit AIN1.
CHSCAN0
3
0
Set to 1 to scan AIN0. Set to 0 to omit AIN0.
—
2:0
000
Unused.
BIT NAME
BIT
DEFAULT STATE
FUNCTION
SMPL_SET
15:11
—
Set to 10110 to select the SampleSet register.
SEQ_LENGTH
10:3
00000000
8-bit binary word indicating desired sequence length. The equation is:
Sequence length = SEQ_LENGTH + 1
00000000 = Sequence length = 1
11111111 = Sequence length = 256
Coding: Straight binary
Maximum length: 256 ADC conversions
—
2:0
—
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com