Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX11331 Datasheet HTML 24Page - Maxim Integrated Products MAX11331 Datasheet HTML 25Page - Maxim Integrated Products MAX11331 Datasheet HTML 26Page - Maxim Integrated Products MAX11331 Datasheet HTML 27Page - Maxim Integrated Products MAX11331 Datasheet HTML 28Page - Maxim Integrated Products MAX11331 Datasheet HTML 29Page - Maxim Integrated Products MAX11331 Datasheet HTML 30Page - Maxim Integrated Products MAX11331 Datasheet HTML 31Page - Maxim Integrated Products MAX11331 Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 28
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Table 8. Analog Input Configuration and Unipolar/Bipolar Waveforms
Table 9. ADC Output as a Function of Unipolar/Bipolar Register Settings
CHANNEL SELECTION
UNIPOLAR REGISTER
BIPOLAR REGISTER
FUNCTION
BIT NAME
UCH0/1
PDIFF�COM
BCH0/1
AIN0 Selection:
CHSEL[3:0] = 0000
CHSCAN0 = 1
0
0
0
AIN0 (binary, unipolar)
0
0
1
AIN0/1 pair (two’s complement, bipolar)
1
0
0
AIN0/1 pair (binary, unipolar)
1
0
1
AIN0/1 pair (binary, unipolar); Unipolar register
takes precedence
X
1
X
AIN0 referred to REF-/AIN15 (binary, unipolar)
AIN1 Selection:
CHSEL[3:0] = 0001
CHSCAN1 = 1
0
0
0
AIN1 (binary, unipolar)
0
0
1
AIN0/1 pair (two’s complement, bipolar)
1
0
0
AIN0/1 pair (binary, unipolar)
1
0
1
AIN0/1 pair (binary, unipolar), Unipolar register
takes precedence
X
1
X
AIN1 referred to REF-/AIN15 (binary, unipolar)
ANALOG INPUT
CONFIGURATION
SUPPORTED WAVEFORMS
UNIPOLAR/BIPOLAR
REGISTER SETTING
REFSEL = 0
REFSEL = 1
Single-
Ended
Unipolar
(Binary
Coding)
Table 10. Unipolar Register:
Set desired channel(s) to 0
or PDIFF_COM to 1.
Counterpart Register
Table 11. Bipolar Register:
Set desired channel(s) to 0.
Fully
Differential
Unipolar
(Binary
Coding)
Table 10. Unipolar Register:
Set desired channel(s) to 1.
Counterpart Register
Table 11. Bipolar Register:
Set desired channel(s) to 0.
Fully
Differential
Bipolar
(2’s
Complement)
Table 11. Bipolar Register:
Set desired channel(s) to 1.
Counterpart Register
Table 10. Unipolar Register:
Set desired channel(s) to 0.
REF+
REF+
2
REF-
VIN+
VIN-
VIN-
GND
REF+
RANGE: 1V TO VDD
REF+
RANGE: 1V TO VDD
1V
0V
-0.3V
REF+
VIN+
REF+
REF-
VIN+
GND, AIN15
PDIFF_COM = 1
REF+
RANGE: 1V TO VDD
REF+
RANGE: 1V TO VDD
1V
0V
-0.3V
REF+
VIN+
REF+
REF-
VIN+
VIN-
GND
REF+
RANGE: 1V TO VDD
REF+
RANGE: 1V TO VDD
1V
0V
-0.3V
REF+
VIN+
VIN-
(DC OFFSET
OR
SINUSOID)
VIN-
(DC OFFSET
OR
SINUSOID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com