Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX11331 Datasheet HTML 19Page - Maxim Integrated Products MAX11331 Datasheet HTML 20Page - Maxim Integrated Products MAX11331 Datasheet HTML 21Page - Maxim Integrated Products MAX11331 Datasheet HTML 22Page - Maxim Integrated Products MAX11331 Datasheet HTML 23Page - Maxim Integrated Products MAX11331 Datasheet HTML 24Page - Maxim Integrated Products MAX11331 Datasheet HTML 25Page - Maxim Integrated Products MAX11331 Datasheet HTML 26Page - Maxim Integrated Products MAX11331 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 23
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Table 3. ADC Scan Control (continued)
SCAN3
SCAN2
SCAN1
SCAN0
MODE NAME
FUNCTION
0
1
0
0
Standard_Ext
Scans channels 0 through N
Clock mode: External clock only
Channel scan/sequence: N channels in ascending order
Channel selection: See Table 4, CHSEL[3:0] determines channel N
Averaging: No
0
1
0
1
Upper_Int
Scans channel N through the highest numbered channel. The FIFO
stores X conversion results where:
X = Channel 16–N
16-channel devices
X = Channel 8–N
8-channel devices
Clock mode: Internal clock only
Channel scan/sequence: Channel N through the highest numbered
channel in ascending order
Channel selection: See Table 4, CHSEL[3:0] determines channel N
Averaging: Can be enabled
0
1
1
0
Upper_Ext
Scans channel N through the highest numbered channel
Clock mode: External clock only
Channel scan/sequence: Channel N through the highest numbered
channel in ascending order
Channel selection: See Table 4, CHSEL[3:0] determines channel N
Averaging: No
0
1
1
1
Custom_Int
Scans preprogrammed channels in ascending order. The FIFO
stores conversion results for this unique channel sequence.
Clock mode: Internal clock only
Channel scan/sequence: Unique ascending channel sequence
Maximum depth: 16 conversions
Channel selection: See Table 12, Custom Scan0 register and Table
13, Custom Scan1 register
Averaging: Can be enabled
1
0
0
0
Custom_Ext
Scans preprogrammed channels in ascending order
Clock mode: External clock only
Channel scan/sequence: Unique ascending channel sequence
Maximum depth: 16 conversions
Channel selection: See Table 12, Custom Scan0 register and Table
13, Custom Scan1 register
Averaging: No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com