Electronic Components Datasheet Search
  English  ▼

X  

MAX14821 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 8Page - Maxim Integrated Products MAX14821 Datasheet HTML 9Page - Maxim Integrated Products MAX14821 Datasheet HTML 10Page - Maxim Integrated Products MAX14821 Datasheet HTML 11Page - Maxim Integrated Products MAX14821 Datasheet HTML 12Page - Maxim Integrated Products MAX14821 Datasheet HTML 13Page - Maxim Integrated Products MAX14821 Datasheet HTML 14Page - Maxim Integrated Products MAX14821 Datasheet HTML 15Page - Maxim Integrated Products MAX14821 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products 12
MAX14821
IO-Link Device Transceiver
Typical Operating Characteristics (continued)
(VCC = 24V, LDOIN = VP, VL = LDO33, C/Q and DO in push-pull configuration, TA = +25NC, unless otherwise noted.)
C/Q DRIVER OUTPUT SWITCHING
(HiSlew = 0)
MAX14821 toc07
2µs/div
VC/Q
5V/div
VTXC=TXQ
2V/div
0V
0V
Ch1 Ch2
1.430µs
Ch1 Ch2
1.330µs
Ch2 RISE
1.583µs
Ch2 FALL
1.455µs
C/Q DRIVER OUTPUT SWITCHING
(HiSlew = 1)
MAX14821 toc08
2µs/div
VC/Q
5V/div
VTXC=TXQ
2V/div
0V
0V
Ch1 Ch2
357.1ns
Ch1 Ch2
335.4ns
Ch2 RISE
343.5ns
Ch2 FALL
331.7ns
RECEIVER PROPAGATION DELAY
vs. TEMPERATURE (RxFilter = 0)
TEMPERATURE (°C)
75
60
30 45
-15
0
15
-30
150
200
250
300
350
400
450
500
550
100
-45
90
DI TO LI
C/Q TO RX
RECEIVER PROPAGATION DELAY
vs. TEMPERATURE (RxFilter = 1)
TEMPERATURE (°C)
75
60
-30 -15
0
30
15
45
50
100
150
200
250
300
350
400
0
-45
90
DI TO LI
C/Q TO RX
WAKE-UP DETECTION
MAX14821 toc11
40µs/div
VC/Q
10V/div
0V
0V
VWU
2V/div
C/Q SHORT-CIRCUIT PROTECTION
MAX14821 toc12
ISOURCE
100mA/div
TXEN = VL
TXC = TXQ = GND
tSHORT = 200µs
C/Q
10V/div
40µs
IRQ
2V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com