Electronic Components Datasheet Search
  English  ▼

X  

MAX14821 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 14Page - Maxim Integrated Products MAX14821 Datasheet HTML 15Page - Maxim Integrated Products MAX14821 Datasheet HTML 16Page - Maxim Integrated Products MAX14821 Datasheet HTML 17Page - Maxim Integrated Products MAX14821 Datasheet HTML 18Page - Maxim Integrated Products MAX14821 Datasheet HTML 19Page - Maxim Integrated Products MAX14821 Datasheet HTML 20Page - Maxim Integrated Products MAX14821 Datasheet HTML 21Page - Maxim Integrated Products MAX14821 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products 18
MAX14821
IO-Link Device Transceiver
Thermal Protection and Considerations
The internal LDOs and drivers can generate more power
than the package for the device can safely dissipate.
Ensure that the driver LDO loading is less than the pack-
age can dissipate. Total power dissipation for the device
is calculated using the following equation:
PTOTAL = PC/Q + PDO + P5 + PLDO33 + PQ +
PCLCQ + PCLDI
where PC/Q is the power generated in the C/Q driver,
PDO is the power dissipated by the DO driver, P5 and
PLDO33 are the power generated by the LDOs, PQ is the
quiescent power generated by the device, and PCLCQ
and PCLDI are the power generated in the C/Q and DI
current sinks.
Ensure that the total power dissipation is less than the
limits listed in the Absolute Maximum Ratings section.
Use the following to calculate the power dissipation (in
mW) due to the C/Q driver:
PC/Q = [IC/Q(max)] × [0.5 + 7 × IC/Q(max)]
Calculate the internal power dissipation of the DO driver
using the following equation:
PDO = [IDO(max)] × [0.5 + 7 × IDO(max)]
Calculate the power dissipation in the 5V LDO, V5, using
the following equation:
P5 = (VLDOIN - V5) × I5
where I5 includes the ILDO33 current sourced from
LDO33.
Calculate the power dissipated in the 3.3V LDO, LDO33,
using the following equation:
PLDO33 = 1.7V × ILDO33
Calculate the quiescent power dissipation in the device
using the following equation:
PQ = 5mA × VCC(max)
If the current sinks are enabled, calculate their associ-
ated power dissipation as:
PCLCQ = 7mA × VC/Q(max)
PCLDI = 7mA × VDI(max)
Overtemperature Warning
Bits in the Status and Mode registers are set when the
temperature of the device exceeds +115NC (typ). The
OTempInt bit in the Status register is set and IRQ asserts
when the OTemp bit in the Mode register is set. Read the
Status register to clear the OTempInt bit and IRQ.
The OTemp bit is cleared when the die temperature falls
to +95NC.
The device continues to operate normally unless the
die temperature reaches the +150NC thermal shutdown
threshold, when the device enters thermal shutdown.
Thermal Shutdown
When the die temperature rises above the +150°C (typ)
thermal shutdown threshold, the C/Q and DO drivers and
the C/Q and DI current loads are automatically turned off.
The internal 3.3V and 5V LDOs remain on during thermal
shutdown, if enabled. If the internal or external V5 supply
remains on during thermal shutdown (which is always
true in case of the internal V5 regulator), the register con-
tents are maintained and SPI communication is available.
When the die temperature falls below the thermal shut-
down threshold plus hysteresis, the C/Q and DO drivers
and C/Q and DI current sinks turn on automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com