Electronic Components Datasheet Search
  English  ▼

X  

MAX14821 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 20Page - Maxim Integrated Products MAX14821 Datasheet HTML 21Page - Maxim Integrated Products MAX14821 Datasheet HTML 22Page - Maxim Integrated Products MAX14821 Datasheet HTML 23Page - Maxim Integrated Products MAX14821 Datasheet HTML 24Page - Maxim Integrated Products MAX14821 Datasheet HTML 25Page - Maxim Integrated Products MAX14821 Datasheet HTML 26Page - Maxim Integrated Products MAX14821 Datasheet HTML 27Page - Maxim Integrated Products MAX14821 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products 24
MAX14821
IO-Link Device Transceiver
Table 6. DoAv and DoInv Operation
Note 1: Low is when VTXC, VTXQ, OR VLO = 0V; high is when VTXC, VTXQ, or VLO = VL.
Note 2: Low is when C/Q or DO < 8V; high is when C/Q or DO >13V.
Table 7. DO Output Programmed by DoBit
X = Don’t care.
Figure 9. Equivalent DO Logic
DoAv
DoInv
TXC AND TXQ
(NOTE 1)
LO
(NOTE 1)
DO
(NOTE 2)
C/Q
(NOTE 2)
0
0
Low
Low
High
High
0
0
Low
High
Low
High
0
0
High
Low
High
Low
0
0
High
High
Low
Low
0
1
Low
Low
Low
High
0
1
Low
High
High
High
0
1
High
Low
Low
Low
0
1
High
High
High
Low
1
0
Low
Low
Low
High
1
0
Low
High
Low
High
1
0
High
Low
High
Low
1
0
High
High
High
Low
1
1
Low
Low
High
High
1
1
Low
High
High
High
1
1
High
Low
Low
Low
1
1
High
High
Low
Low
LO
DoBit
DoPP
DoN/P
DO CONFIGURATION
DO STATE
High
0
1
X
Push-pull
Low
High
1
1
X
Push-pull
High
High
0
0
0
PNP
Off, DO is high impedance
High
1
0
0
PNP
On, DO is high
High
0
0
1
NPN
On, DO is low
High
1
0
1
NPN
Off, DO is high impedance
Low
X
X
X
See Table 6
See Table 6
LO
DoBit
DO
DoInv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com