Electronic Components Datasheet Search
  English  ▼

X  

MAX14821 Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 21Page - Maxim Integrated Products MAX14821 Datasheet HTML 22Page - Maxim Integrated Products MAX14821 Datasheet HTML 23Page - Maxim Integrated Products MAX14821 Datasheet HTML 24Page - Maxim Integrated Products MAX14821 Datasheet HTML 25Page - Maxim Integrated Products MAX14821 Datasheet HTML 26Page - Maxim Integrated Products MAX14821 Datasheet HTML 27Page - Maxim Integrated Products MAX14821 Datasheet HTML 28Page - Maxim Integrated Products MAX14821 Datasheet HTML 29Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products 28
MAX14821
IO-Link Device Transceiver
Figure 14. Use an External Supply to Power the MAX14821
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
**Future product—contact factory for availability.
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PART
TEMP RANGE
PIN-PACKAGE
MAX14821ETG+
-40°C to +85°C
24 TQFN-EP*
MAX14821EWA+**
-40°C to +85°C
25 WLP
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
24 TQFN-EP
T2444+4
21-0139
90-0022
25 WLP
W252A2+1
21-0191
Application
Note 1891
1
2
4
3
10kΩ
MAX14821
0.8Ω
1F
0.1F
1F
VCC
UV
GPIO2
LDOIN
DO
LX
FB
GND
SPI
IN
5V STEP-DOWN
REGULATOR
EN
C/Q
L+
L-
GND
DI
GND
VP
V5
VCC
LDO33
VL
TXQ
MICROCONTROLLER
WU
IRQ
RX
RX
TXC
TX
TXEN
RTS
LO
GPIO1
3.3V
MAX15062



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com