Electronic Components Datasheet Search
  English  ▼

X  

MAX14821 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 16Page - Maxim Integrated Products MAX14821 Datasheet HTML 17Page - Maxim Integrated Products MAX14821 Datasheet HTML 18Page - Maxim Integrated Products MAX14821 Datasheet HTML 19Page - Maxim Integrated Products MAX14821 Datasheet HTML 20Page - Maxim Integrated Products MAX14821 Datasheet HTML 21Page - Maxim Integrated Products MAX14821 Datasheet HTML 22Page - Maxim Integrated Products MAX14821 Datasheet HTML 23Page - Maxim Integrated Products MAX14821 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products 20
MAX14821
IO-Link Device Transceiver
Table 2. DiLvl and LI Output
Table 3. QLvl and RX Output
VDI (V)
DiLvl BIT
LI OUTPUT
< 5.2
0
High
> 8
1
Low
VC/Q (V)
QLvl BIT
RX OUTPUT
< 8
1
High
>13
0
Low
BIT
NAME
DESCRIPTION
D4
QLvl
C/Q Logic Level. The QLvl bit is the inverse of the logic level at C/Q. QLvl is 1 when the
C/Q input level is low (< 8V) and is 0 when the C/Q logic level is high (> 13V) (Table 3).
QLvl remains active when the C/Q receiver is disabled (RxDis = 1). QLvl does not affect
IRQ. QLvl is not changed when the Status register is read.
D3
C/QFaultInt
C/Q Fault Interrupt. The C/QFaultInt interrupt bit and C/QFault bit (in the Mode register)
are set when a short circuit or voltage fault occurs on the C/Q driver output (see the C/Q
Fault Detection section for more information). IRQ asserts when C/QFault is 1. Read the
Status register to clear the C/QFaultInt bit and deassert IRQ.
D2
UV33Int
Internal 3.3V LDO (LDO33) Undervoltage Warning. Both the UV33Int interrupt bit and
the UV33En bit (in the Mode register) are set when VLDO33 falls below the 2.4V LDO33
undervoltage threshold. If UV33En is set in the Mode register, IRQ asserts low when the
UV33Int bit is 1. Read the Status register to clear the UV33Int bit and deassert IRQ.
Set the UV33En bit to 1 in the Mode register to enable undervoltage monitoring for
UV33Int. When enabled, UV asserts high when the UV33Int bit is 1. UV deasserts when
VLDO33 rises above the LDO33 undervoltage threshold.
D1
UV24Int
VCC Undervoltage Interrupt. The UV24Int interrupt bit and the UV24 bit (in the Mode
register) are set when the VCC voltage falls below the 7.4V undervoltage threshold. IRQ
asserts low when the UV24Int bit is 1. Read the Status register to clear the UV24Int bit
and deassert IRQ. VCC undervoltage detection cannot be disabled.
D0
OTempInt
Overtemperature Warning. The OTempInt interrupt bit and the OTemp bit (in the Mode
register) are set when a high-temperature condition is detected by the device. OTemp
is set when the temperature of the die exceeds +115NC (typ). OTempInt is set and IRQ
asserts when the OTemp bit is 1. The OTempInt bit is cleared and IRQ deasserts when
the Status register is read.
Once cleared, OTempInt is not reset if the die temperature remains above the thermal
warning threshold and does not fall below +95
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com