Electronic Components Datasheet Search
  English  ▼

X  

OPA698M Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698M
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698M Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA698M Datasheet HTML 9Page - Texas Instruments OPA698M Datasheet HTML 10Page - Texas Instruments OPA698M Datasheet HTML 11Page - Texas Instruments OPA698M Datasheet HTML 12Page - Texas Instruments OPA698M Datasheet HTML 13Page - Texas Instruments OPA698M Datasheet HTML 14Page - Texas Instruments OPA698M Datasheet HTML 15Page - Texas Instruments OPA698M Datasheet HTML 16Page - Texas Instruments OPA698M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
www.ti.com
Frequency (MHz)
010
40
30
20
50
45
40
35
30
25
20
G = +2V/V
OPA698
402
Ω
+2.5V
−2.5V
402
Ω
50
Ω
P
I
500
Ω
PO
G044
+VS
−VS
Output Voltage Swing (V
PP)
0.5
1.0
2.0
1.5
2.5
−65
−70
−75
−80
−85
−90
3rd−Harmonic
2nd−Harmonic
G043
RL = 500 Ω to VS/2
f = 5 MHz
VH = VCPP/2 + VCM + 0.5 V
VL = VCPP/2 + VCM + 0.5 V
Limiter Headroom (V)
0
0.5
2
1.5
1
2.5
100
75
50
25
0
−25
−50
−75
−100
Maximum Over Temperature
G046
Limiter Headroom = +VS − VH
= VL − (−VS)
Current = IVH or − IVL
Minimum
Over Temperature
Limit Voltages - 2.5V
0.9
1.0
1.1
1.6
1.7
1.4
1.5
1.2
1.3
1.8
-40
-45
-50
-55
-60
-65
-70
-75
-80
V
O = VCM ±1VP
f = 5MHz
R
L = 500Ω
3rd-Harmonic
2nd-Harmonic
G045
TYPICAL APPLICATIONS
Wideband Voltage Limiting Operation
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS — V
S = +5 V (continued)
HARMONIC DISTORTION vs OUTPUT VOLTAGE
2-TONE, 3RD ORDER
INTERMODULATION INTERCEPT
Figure 43.
Figure 44.
HARMONIC DISTORTION NEAR LIMITING VOLTAGES
LIMITER INPUT BIAS CURRENT vs BIAS VOLTAGE
Figure 45.
Figure 46.
The OPA698 is a voltage feedback amplifier that combines features of a wideband, high slew rate amplifier with
output voltage limiters. Its output can swing up to 1 V from each rail and can deliver up to 120 mA. These
capabilities make it an ideal interface to drive ADC, while adding overdrive protection for the ADC inputs.
Figure 47 shows the dc-coupled, gain of +2, dual power-supply circuit configuration used as the basis of the ±5-V
Electrical Characteristics and Typical Characteristics. For test purposes, the input impedance is set to 50
Ω with
a resistor to ground and the output impedance is set to 500
Ω. Voltage swings reported in the specifications are
taken directly at the input and output pins. For the circuit of Figure 47, the total output load is 500
Ω || 804 Ω =
308
Ω. The voltage limiting pins are set to ±2 V through a voltage divider network between the +V
S and ground
for VH and between –VS and ground for VL. These limiter voltages are adequately bypassed with a 0.1-µF
ceramic capacitor to ground. The limiter voltages (VH and VL) and the respective bias currents (IVH and IVL) have
the polarities shown. One additional component is included in Figure 47. An additional resistor (174
Ω) is
included in series with the noninverting input. Combined with the 25-
Ω dc-source resistance looking back towards
the signal generator, this gives an input bias current-cancelling resistance that matches the 200-
Ω source
resistance seen at the inverting input (see the dc accuracy and offset control section). The power-supply bypass
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com