Electronic Components Datasheet Search
  English  ▼

X  

OPA698M Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698M
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698M Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA698M Datasheet HTML 19Page - Texas Instruments OPA698M Datasheet HTML 20Page - Texas Instruments OPA698M Datasheet HTML 21Page - Texas Instruments OPA698M Datasheet HTML 22Page - Texas Instruments OPA698M Datasheet HTML 23Page - Texas Instruments OPA698M Datasheet HTML 24Page - Texas Instruments OPA698M Datasheet HTML 25Page - Texas Instruments OPA698M Datasheet HTML 26Page - Texas Instruments OPA698M Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
www.ti.com
OPA698
V
L
V
H
Open
Open
V
L
V
H
V
OUT
R
3
402
Ω
R
4
75
Ω
OPA698
R
1
75
Ω
R
2
402
Ω
V
IN
-0.2V
S0046-01
DESIGN-IN TOOLS
Applications Support
Demonstrations Boards
OPERATING SUGGESTIONS
Theory of Operation
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL APPLICATIONS (continued)
Figure 65. Sync Stripper Circuit
The Texas Instruments Applications Department is available for design assistance at 1-972-644-5580. The Texas
Instruments web site (www.ti.com) has the latest product data sheets and other design aids.
A PC board is available to assist in the initial evaluation of circuit performance of the OPA698ID. It is available as
an unpopulated PCB with descriptive documentation. See the demonstration board literature for more
information. The summary information for this board is shown in Table 1.
Table 1. Demo Board Summary Information
PRODUCT
PACKAGE
BOARD
LITERATURE
PART NO.
REQUEST NO.
OPA698ID
SO-8
DEM-OPA-SO-1A
SBOU009
This board can be requested through the Texas Instruments web site.
The OPA698 is a voltage-feedback op amp that is unity-gain stable. The output voltage is limited to a range set
by the voltage on the limiter pins (5 and 8). When the input tries to overdrive the output, the limiters take control
of the output buffer. This action from the limiters avoids saturating any part of the signal path, giving quick
overdrive recovery and excellent limiter accuracy at any signal gain. The limiters have a sharp transition from the
linear region of operation to output limiting. This transition allows the limiter voltages to be set near (<100 mV)
the desired signal range. The distortion performance is also good near the limiter voltages.
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com