Electronic Components Datasheet Search
  English  ▼

X  

OPA698M Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698M
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698M Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA698M Datasheet HTML 12Page - Texas Instruments OPA698M Datasheet HTML 13Page - Texas Instruments OPA698M Datasheet HTML 14Page - Texas Instruments OPA698M Datasheet HTML 15Page - Texas Instruments OPA698M Datasheet HTML 16Page - Texas Instruments OPA698M Datasheet HTML 17Page - Texas Instruments OPA698M Datasheet HTML 18Page - Texas Instruments OPA698M Datasheet HTML 19Page - Texas Instruments OPA698M Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
www.ti.com
0.1
1
10k
100k
Frequency (MHz)
21
18
15
12
9
6
G = +8
G = —8
G047
Limited Output, ADC Input Driver
OPA698
4
2
3
7
5
8
6
+3.5V
+1.5V
V
IN
REFB
REFT
IN
0.1
∝F
100pF
V
H = +3.6V
V
L = +1.4V
0.1
∝F
0.1
∝F
0.1
∝F
402
Ω
24.9
Ω
562
Ω
102
Ω
402
Ω
715
Ω
715
Ω
102
Ω
562
Ω
ADS822
10−Bit
Data
INT/EXT
RSEL
+V
CC
GND
S0038−01
VS = +5V
VS = +5V
VS = +5V
10-Bit
40MSPS
Limited Output, Differential ADC Input Driver
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL APPLICATIONS (continued)
Figure 50. G = +8 and –8 Frequency Response
Figure 51 shows a simple ADC driver that operates on a single supply, and gives excellent distortion
performance. The limit voltages track the input range of the converter, completely protecting against input
overdrive. Note that the limiting voltages have been set 100 mV above/below the corresponding reference
voltage from the converter.
Figure 51. Single Supply, Limiting ADC Input Driver
Figure 52 shows a differential ADC driver that takes advantage of the OPA698 limiters to protect the input of the
ADC.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com