Electronic Components Datasheet Search
  English  ▼

X  

OPA698M Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698M
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698M Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA698M Datasheet HTML 23Page - Texas Instruments OPA698M Datasheet HTML 24Page - Texas Instruments OPA698M Datasheet HTML 25Page - Texas Instruments OPA698M Datasheet HTML 26Page - Texas Instruments OPA698M Datasheet HTML 27Page - Texas Instruments OPA698M Datasheet HTML 28Page - Texas Instruments OPA698M Datasheet HTML 29Page - Texas Instruments OPA698M Datasheet HTML 30Page - Texas Instruments OPA698M Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
www.ti.com
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
Load Resistance (
Ω)
50
100
1000
V
O = 2VPP
f
1 = 5MHz
HD2
HD3
G053
Noise Performance
4kT
R
G
R
G
R
F
R
S
OPA698
I
BI
E
O
I
BN
4kT = 1.6E -20J
at 290 K
E
RS
E
NI
4kTR
F
S0049-01
4kTR
S
E
O +
E
NI
2
) IBNRS
2
) 4kTRS NG
2 ) IBIRF
2
) 4kTRFNG
(5)
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
Figure 69. 5-MHz Harmonic Distortion vs Load Resistance
High slew rate, unity-gain stable, voltage feedback op amps usually achieve their slew rate at the expense of a
higher input noise voltage. The 5.6-nV/
√Hz input voltage noise for the OPA698, however, is much lower than
comparable amplifiers. The input-referred voltage noise and the two input-referred current noise terms combine
to give low output noise under a wide variety of operating conditions. Figure 70 shows the op amp noise analysis
model with all the noise terms included. In this model, all noise terms are taken to be noise voltage or current
density terms in either nV/
√Hz or pA/√Hz.
Figure 70. 5-MHz Harmonic Distortion vs Load Resistance
The total output spot noise voltage can be computed as the square root of the sum of all squared output noise
voltage contributors. Equation 5 shows the general form for the output noise voltage using the terms shown in
Figure 70.
Dividing this expression by the noise gain [NG = (1+RF/RG)] gives the equivalent input-referred spot noise
voltage at the noninverting input, as shown in Equation 6.
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com