Electronic Components Datasheet Search
  English  ▼

X  

OPA698M Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698M
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698M Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA698M Datasheet HTML 18Page - Texas Instruments OPA698M Datasheet HTML 19Page - Texas Instruments OPA698M Datasheet HTML 20Page - Texas Instruments OPA698M Datasheet HTML 21Page - Texas Instruments OPA698M Datasheet HTML 22Page - Texas Instruments OPA698M Datasheet HTML 23Page - Texas Instruments OPA698M Datasheet HTML 24Page - Texas Instruments OPA698M Datasheet HTML 25Page - Texas Instruments OPA698M Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
www.ti.com
OPA698
V
O
R
S
V
S
R
F
24.9
Ω
R
C
S0045-01
DC Restorer
OPA698
V
O
75
Ω
Load
8
5
V
L
V
H = Open
402
Ω
R
2
1k
Ω
R
3
200
Ω
D
1
402
Ω
20
Ω
V
IN
200
Ω
75
Ω
R
Q
250
Ω
R
1
19.6k
Ω
D
2
C
1
20
µF
6
1
C
E
B
3
CCII
2
U1
5
+1
U1
U1 = OPA660
R
Q = 250Ω (sets IQ for U1)
D
1, D2 = 1N4148
S0047-01
Video Sync Stripper
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL APPLICATIONS (continued)
Figure 63. Unity-Gain Buffer
Figure 64 shows a dc-restore circuit using the OPA698 and OPA660. The buffer element of the OPA660 is used
to buffer the input signal, while the transconductance element is used to restore the dc level after the decoupling
capacitor C1. The dc level is set using R1 and R2. The OPA698 is configured at a gain of two to compensate for
the 75-
Ω series into a 75-Ω load. The OPA698 also limits the output to ground.
Figure 64. DC Restore to Ground
Figure 65 shows a sync stripper using two OPA698 output-limiting op amps. One OPA698 is configured as a
limiting inverting comparator. Referring to the input, the negative excursions lower than –0.2 V are clipped to
ground and all excursions greater than –0.2 V generate an output voltage set by the default limiting value (–3.5
V). The second OPA698 is using this waveform to effectively remove the sync pulse from the video signal.
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com