Electronic Components Datasheet Search
  English  ▼

X  

OPA698M Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698M
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698M Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA698M Datasheet HTML 21Page - Texas Instruments OPA698M Datasheet HTML 22Page - Texas Instruments OPA698M Datasheet HTML 23Page - Texas Instruments OPA698M Datasheet HTML 24Page - Texas Instruments OPA698M Datasheet HTML 25Page - Texas Instruments OPA698M Datasheet HTML 26Page - Texas Instruments OPA698M Datasheet HTML 27Page - Texas Instruments OPA698M Datasheet HTML 28Page - Texas Instruments OPA698M Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
www.ti.com
± Limit Voltage (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7 1.8
1.9
2.0
-40
-50
-60
-70
-80
-90
3rd-Harmonic
2nd-Harmonic
V
O = 0VDC ± 1VP
f = 5MHz
R
L = 500Ω
G019
Output Drive
Thermal Considerations
P
DO
+ (10 V
15.5 mA)
+ 155 mW
P
DL +
(5V)2
4
(100 W ø 804 W)
+ 70 mW
P
D
+ 155 mW ) 70 mW + 225 mW
T
J
+ 85oC ) 225 mW
125
oC W + 113oC
(4)
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
Figure 67. Harmonic Distortion Near Limit Voltages
The OPA698 has been optimized to drive 500-
Ω loads, such as ADCs. It still performs well driving 100-Ω loads;
the specifications are shown for the 500-
Ω load. This makes the OPA698 an ideal choice for a wide range of
high-frequency applications.
Many high-speed applications, such as driving ADCs, require op amps with low output impedance. As shown in
the typical performance curve Output Impedance vs Frequency, the OPA698 maintains low closed-loop output
impedance over frequency. Closed-loop output impedance increases with frequency, since loop gain decreases
with frequency.
The OPA698 does not require heat sinking under most operating conditions. Maximum desired junction
temperature sets a maximum allowed internal power dissipation as described below. In no case should the
maximum junction temperature be allowed to exceed 150°C.
The total internal power dissipation (PD) is the sum of quiescent power (PDQ) and the additional power dissipated
in the output stage (PDL), while delivering load power. PDQ is simply the specified no-load supply current times
the total supply voltage across the part. PDL depends on the required output signals and loads. For a grounded
resistive load, and equal bipolar supplies, it is at maximum when the output is at 1/2 either supply voltage. In this
condition, PDL = VS
2/(4R
L) where RL includes the feedback network loading. Note that it is the power in the output
stage and not in the load, that determines internal power dissipation.
The operating junction temperature is: TJ = TA + PD x θJA, where TA is the ambient temperature. For example, the
maximum TJ for a OPA698ID with G = +2, RF = 402 Ω, RL = 100 Ω, and ±VS = ±5 V at TA = +85°C is calculated
as:
This would be the maximum TJ from VO = ±2.5 VDC. Most applications will be at a lower output stage power and
have a lower TJ. Care must be taken when operating at higher ambient temperatures.
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com