Electronic Components Datasheet Search
  English  ▼

X  

OPA698M Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698M
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698M Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA698M Datasheet HTML 14Page - Texas Instruments OPA698M Datasheet HTML 15Page - Texas Instruments OPA698M Datasheet HTML 16Page - Texas Instruments OPA698M Datasheet HTML 17Page - Texas Instruments OPA698M Datasheet HTML 18Page - Texas Instruments OPA698M Datasheet HTML 19Page - Texas Instruments OPA698M Datasheet HTML 20Page - Texas Instruments OPA698M Datasheet HTML 21Page - Texas Instruments OPA698M Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
www.ti.com
Time (2ns/div)
Output
Input
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
G048
High-Speed Full-Wave Rectifier
High-Speed Full-Wave Rectifier #1
V
H
V
L
V
O
402
Ω
402
Ω
500
Ω
200
Ω
50
Ω
Source
57.2
Ω
OPA698
S0041-01
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL APPLICATIONS (continued)
Figure 54. 100-MHz Sine Wave Rectified
There are two methods shown here to build a high-speed full-wave rectifier with a limiting amplifier: use the
half-wave rectifier described previously with another amplifier to obtain the full-wave rectified, or use the input to
set the limiting voltage.
The circuit shown in Figure 55 uses only one amplifier, in an inverting gain of –1 configuration. The upper limiting
voltage is left open, resulting in an upper limiting voltage of +3.5 V. The lower limiting voltage is connected to the
input signal, resulting in the following behavior. When the input voltage is negative, the amplifier is not limiting,
resulting in the inversion of the input sine wave to the output. During the positive excursion of the input signal,
the output signal is being driven by the limiting input pin. Since the output is driven from the limiter input pin from
positive inputs, the lower slew rate in the input path restricts the application of this approach to lower amplitude
and/or frequencies. A 2-MHz fully rectified sine wave is shown in Figure 56.
In order to reach higher frequencies, a second method is recommended.
Figure 55. High-Speed Full-Wave Rectifier #1
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com