Electronic Components Datasheet Search
  English  ▼

X  

OPA698M Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698M
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698M Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA698M Datasheet HTML 13Page - Texas Instruments OPA698M Datasheet HTML 14Page - Texas Instruments OPA698M Datasheet HTML 15Page - Texas Instruments OPA698M Datasheet HTML 16Page - Texas Instruments OPA698M Datasheet HTML 17Page - Texas Instruments OPA698M Datasheet HTML 18Page - Texas Instruments OPA698M Datasheet HTML 19Page - Texas Instruments OPA698M Datasheet HTML 20Page - Texas Instruments OPA698M Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
www.ti.com
OPA698
+5V
-5V
V
IN = 1VPP
200
Ω
24.9
Ω
1k
Ω
1k
Ω
0.01
µF
10pF
10pF
0.01
µF
24.9
Ω
100
Ω
100
Ω
OPA698
+5V
-5V
200
Ω
+1.1V
-1.1V
IN
V
CM
ADC
IN
+1.1V
4V
PP
-1.1V
200
Ω
S0040-01
Precision Half-Wave Rectifier
OPA698
6
V
O
-V
S = -5V
+V
S = +5V
V
IN
2
3
4
7
8
5
402
Ω
402
Ω
200
Ω
NC
S0039-01
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL APPLICATIONS (continued)
Two OPA698s are used. The first one is an inverting configuration at a gain of –2. The second one is in a
noninverting configuration at a gain of +2. Each amplifier is swinging 2 VPP providing a 4-VPP differential signal to
drive the input of the ADC. Limiters have been set 100 mV away from the magnitude of each amplifier's
maximum signal to provide input protection for the ADC, while maintaining an acceptable distortion level.
Figure 52. Single-to-Differential AC-Coupled, Output Limited ADC Driver
Figure 53 shows a half-wave rectifier with outstanding precision and speed. VH (pin 8) defaults to a voltage
between 3.1 V and 3.8 V if left open, while the negative limit is set to ground.
Figure 53. Precision Half-Wave Rectifier
The gain for the circuit in Figure 53 is set at +2. Figure 54 shows a 100-MHz sine-wave amplifier, with a gain of
+2 and rectified.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com