Electronic Components Datasheet Search
  English  ▼

X  

OPA698M Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698M
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698M Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA698M Datasheet HTML 15Page - Texas Instruments OPA698M Datasheet HTML 16Page - Texas Instruments OPA698M Datasheet HTML 17Page - Texas Instruments OPA698M Datasheet HTML 18Page - Texas Instruments OPA698M Datasheet HTML 19Page - Texas Instruments OPA698M Datasheet HTML 20Page - Texas Instruments OPA698M Datasheet HTML 21Page - Texas Instruments OPA698M Datasheet HTML 22Page - Texas Instruments OPA698M Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
www.ti.com
Time (50ns/div)
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
G049
High-Speed Full-Wave Rectifier #2
OPA698
200
Ω
V
H
V
L
75
Ω
300
Ω
200
Ω
OPA693
300
Ω
50
Ω
700MHz
Internal
Gain Set
50
Ω Load
75
Ω
S0042-01
Time (10ns/div)
V
IN
V
OUT
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
G050
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL APPLICATIONS (continued)
Figure 56. 2-MHz Sinewave Rectified
The circuit shown in Figure 57 combines a half-wave rectifier driving the OPA693 in an inverting configuration,
while the input signal drives the noninverting input of the fixed gain amplifier OPA693, resulting in a full-wave
rectifier function. Results are shown in Figure 58.
Figure 57. High-Speed Full-Wave Rectifier #2
Figure 58. 10-MHz Sinewave Rectified
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com