Electronic Components Datasheet Search
  English  ▼

X  

OPA698M Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698M
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698M Datasheet(HTML) 3 Page - Texas Instruments

  OPA698M Datasheet HTML 1Page - Texas Instruments OPA698M Datasheet HTML 2Page - Texas Instruments OPA698M Datasheet HTML 3Page - Texas Instruments OPA698M Datasheet HTML 4Page - Texas Instruments OPA698M Datasheet HTML 5Page - Texas Instruments OPA698M Datasheet HTML 6Page - Texas Instruments OPA698M Datasheet HTML 7Page - Texas Instruments OPA698M Datasheet HTML 8Page - Texas Instruments OPA698M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
ELECTRICAL CHARACTERISTICS (continued)
V
S = ±5 V, VICM = 0 V, RL = 500 Ω, limiter pins open (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC PERFORMANCE
TA = 25°C
52
58
Open-loop voltage gain (AVOL)
VO = ±0.5 V
dB
TA = Full range
43
TA = 25°C
±2
±8
Input offset voltage (VIO)
mV
TA = Full range
±12
TA = 25°C
±3
±10
Input bias current (IIB)(2)
µA
TA = Full range
±18
TA = 25°C
±0.3
±3
Input offset current (IIO)
µA
TA = Full range
±4
INPUT
TA = 25°C
52
58
Common-mode rejection ratio (CMRR)
VICM = ±0.5 V, Input referred
dB
TA = Full range
47
TA = 25°C
±3.2
±3.3
M
Ω
Common-mode input voltage range (VICR)(3)
pF
TA = Full range
±3.1
0.32
M
Ω
Input impedance, differential mode
1
pF
3.5
M
Ω
Input impedance, common mode
1
pF
OUTPUT
TA = 25°C
±3.9
±4
VH = 4.3 V, VL = –4.3 V,
Output voltage range (VOH, VOL)
V
RL≥ 500 Ω
TA = Full range
±3.7
TA = 25°C
110
165
VH = 4.3 V, VL = –4.3 V,
Current output, sourcing (IOH)
mA
RL = 20 Ω
TA = Full range
100
TA = 25°C
–90
–130
VH = 4.3 V, VL = –4.3 V,
Current output, sinking (IOL)
mA
RL = 20 Ω
TA = Full range
–80
Closed-loop output impedance
G = +1, RF = 25 Ω, f < 100 kHz
0.2
Ω
POWER SUPPLY
Operating voltage (VS)
±5
±6
V
TA = 25°C
15
15.5
16
Quiescent current (IS)
mA
TA = Full range
13.5
18
TA = 25°C
65
76
dB
Input referred,
Power supply rejection ratio (PSRR)
VS = ±4.5 V to ±5.5 V
TA = Full range
60
dB
OUTPUT VOLTAGE LIMITERS (pins 5 and 8)
TA = 25°C
±3.3
±3.6
Default output limited voltage
Limiter pins open
V
TA = Full range
±3
Limiter output offset voltage
(VO – VH) or (VO – VL)
TA = Full range
±15
±50
mV
TA = 25°C
40
55
65
Limiter input bias current magnitude(4)
VO = 0 V
µA
TA = Full range
35
70
3.4
M
Ω
Limiter input impedance
1
pF
Limiter feedthrough(5)
f = 5 MHz
–68
dB
Maximum limiter voltage
±4.3
V
Minimum limiter voltage separation
400
mV
Op amp bias current shift (2)
3
µA
(2)
Current is considered positive out of node.
(3)
CMIR tested as < 3-dB degradation from minimum CMRR at specified limits.
(4)
IVH (VH bias current) is positive and IVL (VL bias current) is negative under these conditions. See Note 2, Figure 47 and Figure 66.
(5)
Limiter feedthrough is the ratio of the output magnitude to the sine wave added to VH (or VL) when VIN = 0.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com