Electronic Components Datasheet Search
  English  ▼

X  

ADS6142-HT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6142-HT
Description  14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6142-HT Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS6142-HT Datasheet HTML 17Page - Texas Instruments ADS6142-HT Datasheet HTML 18Page - Texas Instruments ADS6142-HT Datasheet HTML 19Page - Texas Instruments ADS6142-HT Datasheet HTML 20Page - Texas Instruments ADS6142-HT Datasheet HTML 21Page - Texas Instruments ADS6142-HT Datasheet HTML 22Page - Texas Instruments ADS6142-HT Datasheet HTML 23Page - Texas Instruments ADS6142-HT Datasheet HTML 24Page - Texas Instruments ADS6142-HT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
ADS6142-HT
www.ti.com
SLWS234
– DECEMBER 2011
Table 10.
A4
–A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(hex)
0A
<DF>
0
0
<TEST PATTERNS>
0
0
0
0
0
2s Complement or straight
binary
D7-D5
Test patterns
000
Normal operation -
<D13:D0> = ADC output
001
All zeros -
<D13:D0> = 0x0000
010
All ones -
<D13:D0> = 0x3FFF
011
Toggle pattern -
<D13:D0> toggles between 0x2AAA and 0x1555
100
Digital ramp -
<D13:D0> increments from 0x0000 to 0x3FFF by one code every cycle
101
Custom pattern -
<D13:D0> = contents of CUSTOM PATTERN registers
110
Unused
111
Unused
D10
<DATA FORMAT>
0
2s Complement
1
Straight binary
Table 11.
A4
–A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(hex)
0B
<CUSTOM LOW>
0
0
Lower 9 bits of custom pattern
Table 12.
A4
–A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(hex)
0C
<FINE GAIN>
0
0
0
<CUSTOM HIGH>
Fine gain 0 to 6dB
Upper 5 bits of custom pattern
Reg 0B
<CUSTOM LOW> - Specifies lower 9 bits of custom pattern
D10-D2
Reg 0C
<CUSTOM HIGH> - Specifies upper 5 bits of custom pattern
D4-D0
D10-D8
<FINE GAIN> Gain programming
000
0 dB Gain
001
1 dB Gain
010
2 dB Gain
011
3 dB Gain
100
4 dB Gain
101
5 dB Gain
110
6 dB Gain
111
Unused
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :ADS6142-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com