Electronic Components Datasheet Search
  English  ▼

X  

ADS6142-HT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6142-HT
Description  14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6142-HT Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS6142-HT Datasheet HTML 35Page - Texas Instruments ADS6142-HT Datasheet HTML 36Page - Texas Instruments ADS6142-HT Datasheet HTML 37Page - Texas Instruments ADS6142-HT Datasheet HTML 38Page - Texas Instruments ADS6142-HT Datasheet HTML 39Page - Texas Instruments ADS6142-HT Datasheet HTML 40Page - Texas Instruments ADS6142-HT Datasheet HTML 41Page - Texas Instruments ADS6142-HT Datasheet HTML 42Page - Texas Instruments ADS6142-HT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
ADS6142-HT
www.ti.com
SLWS234
– DECEMBER 2011
DIGITAL OUTPUT INTERFACE
The ADS6142 outputs 14 data bits together with an output clock. The output interface is either parallel CMOS or
DDR LVDS voltage levels and can be selected using the serial register bit
<LVDS CMOS> or parallel pin SEN.
Parallel CMOS Interface
In CMOS mode, the output buffer supply (DRVDD) can be operated over a wide range from 1.8 V to 3.3 V
(typical). Each data bit is output on a separate pin as a CMOS voltage level, every clock cycle.
For DRVDD
≥ 2.2 V, it is recommended to use the CMOS output clock (CLKOUT) to latch data in the receiving
chip. The rising edge of CLKOUT can be used to latch data in the receiver, even at the highest sampling speed
(125 MSPS). It is recommended to minimize the load capacitance seen by the data and clock output pins by
using short traces to the receiver. Also, match the output data and clock traces to minimize the skew between
them.
For DRVDD
< 2.2 V, it is recommended to use an external clock (for example, input clock delayed to get desired
setup/hold times).
Output Clock Position Programmability
There is an option to shift (delay) the output clock position so that the setup time increases by 400 ps (typical,
with respect to the default timings specified). This may be useful if the receiver needs more setup time,
especially at high sampling frequencies. This can be programmed using the serial interface register bit
<CLKOUT_POSN> (Table 8).
Output Buffer Strength Programmability
Switching noise (caused by CMOS output data transitions) can couple into the analog inputs during the instant of
sampling and degrade the SNR. The coupling and SNR degradation increases as the output buffer drive is made
stronger. To minimize this, the ADS6142 CMOS output buffers are designed with a controlled drive strength for
the best SNR. The default drive strength also ensures a wide data stable window for load capacitances up to 5
pF and a DRVDD supply voltage
≥ 2.2 V.
To ensure a wide data stable window for load capacitances
> 5 pF, there is an option to increase the drive
strength using the serial interface (
<DRIVE STRENGTH>, see Table 14). Note that for a DRVDD supply voltage
< 2.2 V, it is recommended to use the maximum drive strength (for any value of load capacitance).
CMOS Mode Power Dissipation
With CMOS outputs, the DRVDD current scales with the sampling frequency and the load capacitance on every
output pin. The maximum DRVDD current occurs when each output bit toggles between 0 and 1 every clock
cycle. In actual applications, this condition is unlikely to occur. The actual DRVDD current would be determined
by the average number of output bits switching, which is a function of the sampling frequency and the nature of
the analog input signal.
Digital current due to CMOS output switching = CL × DRVDD x (N x FAVG)
where CL = load capacitance, N × FAVG = average number of output bits switching
(2)
Figure 30 shows the current with various load capacitances across sampling frequencies with a 2-MHz analog
input frequency.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s) :ADS6142-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com