Electronic Components Datasheet Search
  English  ▼

X  

ADS6142-HT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6142-HT
Description  14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6142-HT Datasheet(HTML) 1 Page - Texas Instruments

  ADS6142-HT Datasheet HTML 1Page - Texas Instruments ADS6142-HT Datasheet HTML 2Page - Texas Instruments ADS6142-HT Datasheet HTML 3Page - Texas Instruments ADS6142-HT Datasheet HTML 4Page - Texas Instruments ADS6142-HT Datasheet HTML 5Page - Texas Instruments ADS6142-HT Datasheet HTML 6Page - Texas Instruments ADS6142-HT Datasheet HTML 7Page - Texas Instruments ADS6142-HT Datasheet HTML 8Page - Texas Instruments ADS6142-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
ADS6142-HT
www.ti.com
SLWS234
– DECEMBER 2011
14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Check for Samples: ADS6142-HT
1
FEATURES
•
Maximum Sample Rate: 65 MSPS
•
802.16d/e
•
14-Bit Resolution with No Missing Codes
•
Test and Measurement Instrumentation
•
3.5 dB Coarse Gain and up to 6 dB
•
High Definition Video
Programmable Fine Gain for SNR/SFDR
•
Medical Imaging
Trade-Off
•
Radar Systems
•
Parallel CMOS and Double Data Rate (DDR)
LVDS Output Options
SUPPORTS EXTREME TEMPERATURE
•
Supports Sine, LVCMOS, LVPECL, LVDS Clock
APPLICATIONS
Inputs, and Clock Amplitude Down to 400
•
Controlled Baseline
mVPP
•
One Assembly/Test Site
•
Clock Duty Cycle Stabilizer
•
One Fabrication Site
•
Internal Reference with Support for External
•
Available in Extreme (
–40°C/210°C)
Reference
Temperature Range(1)
•
No External Decoupling Required for
•
Extended Product Life Cycle
References
•
Extended Product-Change Notification
•
Programmable Output Clock Position and
•
Product Traceability
Drive Strength to Ease Data Capture
•
Texas Instruments high temperature products
•
3.3-V Analog and 1.8-V to 3.3-V Digital Supply
utilize highly optimized silicon (die) solutions
with design and process enhancements to
APPLICATIONS
maximize performance over extended
•
Down-Hole Drilling
temperatures. All devices are characterized
•
High Temperature Environment
and qualified for 1000 hours of continuous
•
Wireless Communications Infrastructure
operating life at maximum rated temperature.
•
Software Defined Radio
•
Power Amplifier Linearization
(1)
Custom temperature ranges available
DESCRIPTION
The ADS6142 is a high performance and low power consumption 14-bit A/D converter with a sampling frequency
of 65 MSPS. An internal high bandwidth sample and hold and a low jitter clock buffer help to achieve high SNR
and high SFDR even at high input frequencies.
The ADS6142 features coarse and fine gain options to improve SFDR performance at lower full-scale analog
input ranges.
The digital data outputs are either parallel CMOS or DDR (Double Data Rate) LVDS. Several features exist to
ease data capture such as
— controls for output clock position and output buffer drive strength, LVDS current,
and internal termination programmability.
The output interface type, gain, and other functions are programmed using a 3-wire serial interface. Alternatively,
some functions are configured using dedicated parallel pins so the device powers up to the desired state.
The ADS6142 includes internal references while eliminating traditional reference pins and associated external
decoupling. External reference mode is also supported.
The ADS6142 is specified over the extreme temperature range (
–40°C to 210°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS6142-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6142 TI-ADS6142 Datasheet
2Mb / 68P
14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142 TI1-ADS6142 Datasheet
2Mb / 67P
14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142IRHBR TI-ADS6142IRHBR Datasheet
2Mb / 68P
14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142IRHBRG4 TI-ADS6142IRHBRG4 Datasheet
2Mb / 68P
14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142IRHBT TI-ADS6142IRHBT Datasheet
2Mb / 68P
14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS6142-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5545 TI-ADS5545 Datasheet
381Kb / 8P
14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5546 TI-ADS5546 Datasheet
1Mb / 50P
14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI1-ADS5545_13 Datasheet
2Mb / 59P
14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com