Electronic Components Datasheet Search
  English  ▼

X  

ADS6142-HT Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6142-HT
Description  14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6142-HT Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS6142-HT Datasheet HTML 30Page - Texas Instruments ADS6142-HT Datasheet HTML 31Page - Texas Instruments ADS6142-HT Datasheet HTML 32Page - Texas Instruments ADS6142-HT Datasheet HTML 33Page - Texas Instruments ADS6142-HT Datasheet HTML 34Page - Texas Instruments ADS6142-HT Datasheet HTML 35Page - Texas Instruments ADS6142-HT Datasheet HTML 36Page - Texas Instruments ADS6142-HT Datasheet HTML 37Page - Texas Instruments ADS6142-HT Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
INP
INM
VCM
1 :1
5 W
0 .1mF
1 :1
50 W
50 W
0 .1mF
50 W
50 W
5 W
VCM
REFM
REFP
INTREF
INTREF
EXTREF
INTERNAL
REFERENCE
1kW
4kW
ADS6142-HT
SLWS234
– DECEMBER 2011
www.ti.com
Figure 40. Two Transformer Drive Circuit
REFERENCE
The ADS6142 has built-in internal references REFP and REFM, requiring no external components. Design
schemes are used to linearize the converter load seen by the references; this and the integration of the requisite
reference capacitors on-chip eliminates the need for external decoupling. The full-scale input range of the
converter is controlled in the external reference mode as explained below. The internal or external reference
modes can be selected by programming the serial interface register bit
<REF> (Table 7).
Figure 41. Reference Section
Internal Reference
When the device is in internal reference mode, the REFP and REFM voltages are generated internally.
Common-mode voltage (1.5 V nominal) is output on the VCM pin, which can be used to externally bias the
analog input pins.
34
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :ADS6142-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com