Electronic Components Datasheet Search
  English  ▼

X  

ADS6142-HT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6142-HT
Description  14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6142-HT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS6142-HT Datasheet HTML 5Page - Texas Instruments ADS6142-HT Datasheet HTML 6Page - Texas Instruments ADS6142-HT Datasheet HTML 7Page - Texas Instruments ADS6142-HT Datasheet HTML 8Page - Texas Instruments ADS6142-HT Datasheet HTML 9Page - Texas Instruments ADS6142-HT Datasheet HTML 10Page - Texas Instruments ADS6142-HT Datasheet HTML 11Page - Texas Instruments ADS6142-HT Datasheet HTML 12Page - Texas Instruments ADS6142-HT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
ADS6142-HT
www.ti.com
SLWS234
– DECEMBER 2011
ELECTRICAL CHARACTERISTICS
Typical values are at 25
°C, AVDD = DRVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1 dBFS
differential analog input, internal reference mode, applies to CMOS and LVDS interfaces, unless otherwise noted.
TJ = -40°C to 125°C
TJ = 210°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC AC CHARACTERISTICS
Fin = 10 MHz
74.7
Fin = 50 MHz
74.4
Fin = 70 MHz
61.5
74.4
57.5
74
SNR
Signal-to-noise ratio,
0 dB Gain
72.7
dBFS
Fin = 170 MHz
CMOS
3.5 dB Coarse gain
71.8
0 dB Gain
71.7
65.5
Fin = 230 MHz
3.5 dB Coarse gain
70.9
63
Fin = 10 MHz
75
Fin = 50 MHz
74.6
Fin = 70 MHz
68
74.6
62
75
SNR
Signal-to-noise ratio,
0 dB Gain
72.9
dBFS
Fin = 170 MHz
LVDS
3.5 dB Coarse gain
72.1
0 dB Gain
72
60
Fin = 230 MHz
3.5 dB Coarse gain
71.2
RMS output noise
Inputs tied to common-mode
1.05
LSB
Fin = 10 MHz
74.6
Fin = 50 MHz
74.1
Fin = 70 MHz
60.5
74.0
56.5
74
SINAD
Signal-to-noise and
0 dB Gain
72.2
dBFS
distortion ratio
Fin = 170 MHz
CMOS
3.5 dB Coarse gain
71.5
0 dB Gain
70.6
56
Fin = 230 MHz
3.5 dB Coarse gain
70.4
57
Fin = 10 MHz
74.9
Fin = 50 MHz
74.4
Fin = 70 MHz
67
74.4
64
74
SINAD
Signal-to-noise and
0 dB Gain
72.4
dBFS
distortion ratio
Fin = 170 MHz
LVDS
3.5 dB Coarse gain
71.9
0 dB Gain
70.5
56
Fin = 230 MHz
3.5 dB Coarse gain
70.5
Fin = 50 MHz
ENOB
Bits
Effective number of bits
Fin = 70 MHz
10.5
12
9.4
12
Fin = 10 MHz
95
Fin = 50 MHz
89
Fin = 70 MHz
70
78
66
77
SFDR
Spurious free dynamic
0 dB Gain
82
dBc
Fin = 170 MHz
range
3.5 dB Coarse gain
84
0 dB Gain
79
58
Fin = 230 MHz
3.5 dB Coarse gain
82
60
Fin = 10 MHz
93
Fin = 50 MHz
88
Fin = 70 MHz
72
85
66
75
THD
0 dB Gain
80
dBc
Total harmonic distortion F
in = 170 MHz
3.5 dB Coarse gain
82
0 dB Gain
76
56
Fin = 230 MHz
3.5 dB Coarse gain
78.5
59
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :ADS6142-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com