Electronic Components Datasheet Search
  English  ▼

X  

ADS6142-HT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6142-HT
Description  14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6142-HT Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS6142-HT Datasheet HTML 11Page - Texas Instruments ADS6142-HT Datasheet HTML 12Page - Texas Instruments ADS6142-HT Datasheet HTML 13Page - Texas Instruments ADS6142-HT Datasheet HTML 14Page - Texas Instruments ADS6142-HT Datasheet HTML 15Page - Texas Instruments ADS6142-HT Datasheet HTML 16Page - Texas Instruments ADS6142-HT Datasheet HTML 17Page - Texas Instruments ADS6142-HT Datasheet HTML 18Page - Texas Instruments ADS6142-HT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
(3/8) AVDD
(3/8) AVDD
ToParallelPin
(SCLK,SDATA,SEN)
3R
AVDD
AVDD
GND
3R
2R
(5/8) AVDD
(5/8) AVDD
GND
ADS6142-HT
www.ti.com
SLWS234
– DECEMBER 2011
DEVICE PROGRAMMING MODES
The ADS6142 has several features that can be easily configured using either parallel interface control or serial
interface programming.
USING SERIAL INTERFACE PROGRAMMING ONLY
To program using the serial interface, the internal registers must first be reset to their default values, and the
RESET pin must be kept low. In this mode, SEN, SDATA, and SCLK function as serial interface pins and are
used to access the internal registers of the ADC. The registers are reset either by applying a pulse on the
RESET pin or by a high setting on the
<RST> bit (D4 in register 0x00). The Serial Interface section describes
register programming and register reset in more detail.
USING PARALLEL INTERFACE CONTROL ONLY
To control the device using the parallel interface, keep RESET tied high (AVDD). Now SEN, SCLK, SDATA, and
PDN function as parallel interface control pins. These pins can be used to directly control certain modes of the
ADC by connecting them to the correct voltage levels (as described in Table 3 to Table 5). There is no need to
apply a reset pulse.
Frequently used functions are controlled in this mode
— standby, selection between LVDS/CMOS output format,
internal/external reference, and 2s complement/straight binary output format.
Figure 5. Simple Scheme to Configure Parallel Pins
DESCRIPTION OF PARALLEL PINS
Table 3. SCLK (Analog Control Pin)
SCLK
DESCRIPTION
0
Internal reference and 0 dB gain (full-scale = 2 VPP)
(3/8) AVDD
External reference and 0 dB gain (full-scale = 2 VPP)
(5/8) AVDD
External reference and 3.5 dB coarse gain (full-scale = 1.34 VPP)
AVDD
Internal reference and 3.5 dB coarse gain (full-scale = 1.34 VPP)
Table 4. SEN (Analog Control Pin)
SEN
DESCRIPTION
0
2s Complement format and DDR LVDS interface
(3/8) AVDD
Straight binary format and DDR LVDS interface
(5/8) AVDD
Straight binary and parallel CMOS interface
AVDD
2s Complement format and parallel CMOS interface
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :ADS6142-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com